전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDBV1100-HF 데이터시트(PDF) 2 Page - Comchip Technology

부품명 CDBV1100-HF
상세설명  SMD Schottky Barrier Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBV1100-HF 데이터시트(HTML) 2 Page - Comchip Technology

  CDBV1100-HF Datasheet HTML 1Page - Comchip Technology CDBV1100-HF Datasheet HTML 2Page - Comchip Technology CDBV1100-HF Datasheet HTML 3Page - Comchip Technology CDBV1100-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (CDBV1100-HF)
SMD Schottky Barrier Diodes
QW-JB067
Page 2
REV: A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Reverse Voltage, (V)
Fig.3 - Typical Reverse Characteristics
0.01
1000.00
1.00
100.00
10.00
40
20
0
30
0
Forward Voltage, (V)
0
0
1
10
100
1000
Ambient Temperature, (°C)
0.8
0.4
0.6
0.2
Fig.2 - Typical Forward Characteristics
Fig.1 - Power Derating Curve
Reverse Voltage, (V)
0
60
80
0
20
40
40
Fig.4 - Typical Capacitance or Diodes
30
10
30
70
50
60
50
0
150
200
0
100
50
300
100
25
50
75
125
250
0.1
0.3
0.5
0.7
TJ=25°C
TJ=50°C
TJ=75°C
TJ=100°C
TJ=125°C
TJ=150°C
TJ=25°C
TJ=50°C
TJ=75°C
TJ=100°C
TJ=125°C
TJ=150°C
0.1 0
20
10


유사한 부품 번호 - CDBV1100-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
CDBV120-G COMCHIP-CDBV120-G Datasheet
73Kb / 2P
   SMD Schottky Barrier Diode
CDBV120-G COMCHIP-CDBV120-G Datasheet
106Kb / 4P
   SMD Schottky Barrier Diodes
CDBV120-G COMCHIP-CDBV120-G_12 Datasheet
106Kb / 4P
   SMD Schottky Barrier Diodes
CDBV120-HF COMCHIP-CDBV120-HF Datasheet
146Kb / 5P
   SMD Schottky Barrier Diodes
More results

유사한 설명 - CDBV1100-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBW0520 COMCHIP-CDBW0520 Datasheet
59Kb / 2P
   SMD Schottky Barrier Diodes
CDBW120-G COMCHIP-CDBW120-G_12 Datasheet
103Kb / 4P
   SMD Schottky Barrier Diodes
RB521BS-30 COMCHIP-RB521BS-30 Datasheet
316Kb / 4P
   SMD Schottky Barrier Diodes
CDBV120-G COMCHIP-CDBV120-G_12 Datasheet
106Kb / 4P
   SMD Schottky Barrier Diodes
logo
Diotec Semiconductor
SD101AW DIOTEC-SD101AW_16 Datasheet
132Kb / 2P
   SMD Schottky Barrier Diodes
LL101B DIOTEC-LL101B_16 Datasheet
142Kb / 2P
   SMD Schottky Barrier Diodes
logo
Comchip Technology
RB521G-30HF COMCHIP-RB521G-30HF Datasheet
191Kb / 4P
   SMD Schottky Barrier Diodes
CDBQC0530L-HF COMCHIP-CDBQC0530L-HF Datasheet
81Kb / 4P
   SMD Schottky Barrier Diodes
logo
Diotec Semiconductor
SD103AW DIOTEC-SD103AW_16 Datasheet
131Kb / 2P
   SMD Schottky Barrier Diodes
logo
Comchip Technology
RB521BS-30 COMCHIP-RB521BS-30 Datasheet
316Kb / 4P
   SMD Schottky Barrier Diodes
RB520S-30 COMCHIP-RB520S-30_12 Datasheet
106Kb / 4P
   SMD Schottky Barrier Diodes
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com