전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDBZ0130R-HF 데이터시트(PDF) 3 Page - Comchip Technology

부품명 CDBZ0130R-HF
상세설명  Small Signal Schottky Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBZ0130R-HF 데이터시트(HTML) 3 Page - Comchip Technology

  CDBZ0130R-HF Datasheet HTML 1Page - Comchip Technology CDBZ0130R-HF Datasheet HTML 2Page - Comchip Technology CDBZ0130R-HF Datasheet HTML 3Page - Comchip Technology CDBZ0130R-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3
REV:D
Comchip Technology CO., LTD.
QW-JA005
B
C
d
D
D2
D1
SYMBOL
A
(mm)
(inch)
0.015 +0.001/0.001
0.028 0.001
±
0.014
± 0.001
0.059 + 0.004
7.008 0.039
±
2.142 ± 0.016
0.512 0.008
±
0.39 +0.03/-0.02
0.72 0.03
±
1.50 + 0.10
54.4 ± 0.40
13.0 0.20
±
0.36 0.03
±
178 1.00
±
0201
(DFN0603)
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
D1
D2
D
W1
Direction of Feed
Reel Taping Specification
E
F
P
P0
P1
T
W
W1
SYMBOL
(mm)
(inch)
0.069 0.004
±
0.138 0.002
±
0.079 0.004
±
0.157 0.004
±
0.079 0.004
±
0.009 0.002
±
0.315 0.008
±
0.484 ± 0.004
2.00 0.05
±
3.50 0.05
±
1.75 0.10
±
4.00 0.05
±
2.00 0.05
±
0.23 0.05
±
8.00 0.10
±
12.30 ± 0.10
0201
(DFN0603)
T
C
d
E
P0
P1
F
W
A
B
P
Company reserves the right to improve product design , functions and reliability without notice.
Small Signal Schottky Diodes


유사한 부품 번호 - CDBZ0130R-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBZ0130R-A1HF COMCHIP-CDBZ0130R-A1HF Datasheet
112Kb / 4P
   Small Signal Schottky Diodes
More results

유사한 설명 - CDBZ0130R-HF

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com