전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP225A 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TLP225A
상세설명  Programmable Controllers I/O Board Interface DC-Output Module Replacement for DC Mechanical Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP225A 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TLP225A_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP225A_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP225A_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP225A_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP225A_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP225A_14 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP225A
2014-09-01
4
60
100
0
−20
0
20
40
60
80
100
80
40
20
120
IF – Ta
ION – Ta
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
IFP – DR
IF – VF
Duty cycle ratio DR
Forward voltage VF (V)
ΔVF/ΔTa – IF
IFP – VFP
Forward current IF (mA)
Pulse forward voltage VFP (V)
−20
0
20
40
60
80
100
600
0
400
300
100
500
200
5000
10
3
30
500
300
100
10
3
3
3
3
10
2
10
1
10
0
3000
1000
50
Pulse width
≤ 100 μs
Ta
= 25°C
100
0.1
10
3
0.3
1
30
0.6
1.0
1.2
1.6
1.8
0.8
1.4
0.5
5
50
Ta
= 25°C
−0.4
0.1
0.3
1
3
5
10
50
−2.4
−1.6
−1.2
0.5
−0.8
−2.0
−2.8
30
1000
1
300
50
10
5
500
100
30
3
0.6
1.0
1.4
2.2
2.6
3.0
1.8
Pulse width
≤ 10 μs
Repetitive frequency
= 100 Hz
Ta
= 25°C


유사한 부품 번호 - TLP225A_14

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP225A TOSHIBA-TLP225A Datasheet
261Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
More results

유사한 설명 - TLP225A_14

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP523 TOSHIBA-TLP523 Datasheet
251Kb / 7P
   programmable controllers dc-output module solid state relay
TLP627FT TOSHIBA-TLP627FT Datasheet
722Kb / 8P
   Programmable Controllers DC-output Module Telecommunication
TLP627 TOSHIBA-TLP627 Datasheet
367Kb / 8P
   PROGRAMMABLE CONTROLLERS. DC-OUTPUT MODULE. TELECOMMUNICATION.
TLP127 TOSHIBA-TLP127 Datasheet
328Kb / 8P
   PROGRAMMABLE CONTROLLERS DC-OUTPUT MODULE TELECOMMUNICATION
TLP181F TOSHIBA-TLP181F Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181T TOSHIBA-TLP181T Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP185GB-TPLEO TOSHIBA-TLP185GB-TPLEO Datasheet
239Kb / 11P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP-181 TOSHIBA-TLP-181 Datasheet
217Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181GB-TPLFT TOSHIBA-TLP181GB-TPLFT Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP523F TOSHIBA-TLP523F Datasheet
218Kb / 7P
   Programmable Controllers DC?뭀utput Module Solid State Relay
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com