전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP3116 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TLP3116
상세설명  TOSHIBA PHOTOCOUPLER PHOTO RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3116 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TLP3116_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP3116_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP3116_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP3116_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP3116_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP3116_14 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP3116
2014-09-22
1
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3116
MEASUREMENT INSTRUMENTS
LOGIC IC TESTERS / MEMORY TESTERS
BOARD TESTERS / SCANNERS
The TOSHIBA TLP3116 Mini-flat photorelay is a small-outline photorelay,
suitable for surface-mount assembly. The TLP3116 consists of a GaAs
infrared-emitting diode optically coupled to a photo-MOS FET and housed
in a 4-pin package.
Its characteristics also include low OFF-state current and low output pin
capacitance, enabling it to be used in high-frequency measuring
instruments.
Features
• 4 pin SOP (2.54SOP4)
: 2.1 mm high, 2.54 mm pitch
• 1-Form-A
• Peak Off-State Voltage
: 40 V (min)
• Trigger LED Current
: 4 mA (max)
• On-State Current
: 120 mA (max)
• On-State Resistance
: 15 Ω (max), 10 Ω (typ.)
• Output Capacitance
: 2.0 pF (max), 1.0 pF (typ.)
• Isolation Voltage
: 1500 Vrms (min)
Pin Configuration (top view)
Schematic
1 : ANODE
2 : CATHODE
3 : DRAIN
4 : DRAIN
1
2
4
3
1
2
4
3
Unit: mm
JEDEC
JEITA
TOSHIBA
11
−5H1
Weight: 0.1 g (typ.)
Start of commercial production
2001/03


유사한 부품 번호 - TLP3116_14

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP3116 TOSHIBA-TLP3116 Datasheet
155Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS/MEMORY TESTERS BOARD TESTERS/SCANNERS
More results

유사한 설명 - TLP3116_14

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP197A TOSHIBA-TLP197A Datasheet
132Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP296G TOSHIBA-TLP296G Datasheet
465Kb / 6P
   TOSHIBA Photocoupler Photo Relay
TLP3131 TOSHIBA-TLP3131_14 Datasheet
191Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3130 TOSHIBA-TLP3130_14 Datasheet
192Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3542 TOSHIBA-TLP3542_14 Datasheet
159Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP224GA-2 TOSHIBA-TLP224GA-2 Datasheet
360Kb / 7P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
2019-02-01
TLP798G TOSHIBA-TLP798G Datasheet
334Kb / 8P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP598AA TOSHIBA-TLP598AA_14 Datasheet
180Kb / 5P
   TOSHIBA Photocoupler Photo Relay
TLP597A TOSHIBA-TLP597A_14 Datasheet
185Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP227GA TOSHIBA-TLP227GA Datasheet
151Kb / 6P
   TOSHIBA Photocoupler Photo Relay
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com