전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP160J 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TLP160J
상세설명  TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP160J 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TLP160J_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP160J_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP160J_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP160J_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP160J_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP160J_14 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLP160J
2014-09-01
5
Normalized IDRM – Ta
Ambient temperature Ta (°C)
100
10
3
0
10
1
10
0
20
40
80
60
0
10
2
VDRM=Rated
1.8
Normalized LED Current
LED Current Pulse Width
Led current pulse width Pw (μs)
1.4
10
10
3
1.6
2
1
50
100
300
500
1000
5
30
1.2
Normalized IFT – Ta
Ambient temperature Ta (°C)
100
3
40
1
20
0
80
40
0.1
1.2
2
0.5
20
60
VT=6V
0.3
Normalized IH – Ta
Ambient temperature Ta (°C)
100
3
40
2
1
0.5
0.3
20
0
20
60
80
40
0.1
1.2
100
40
20
0
80
40
20
60
Normalized VDRM – Ta
Ambient temperature Ta (°C)
1.4
0.8
0.4
0.2
1.0
1.2
0.6


유사한 부품 번호 - TLP160J_14

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results

유사한 설명 - TLP160J_14

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP161G TOSHIBA-TLP161G_14 Datasheet
217Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP561G TOSHIBA-TLP561G_15 Datasheet
309Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP763J TOSHIBA-TLP763J_14 Datasheet
182Kb / 5P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP666L-S TOSHIBA-TLP666L-S Datasheet
228Kb / 6P
   TOSHIBA Photocoupler GaAs IRED and Photo?뭈riac
TLP560G TOSHIBA-TLP560G_14 Datasheet
234Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP560J TOSHIBA-TLP560J_14 Datasheet
214Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP561J TOSHIBA-TLP561J_14 Datasheet
453Kb / 6P
   TOSHIBA Photocoupler GaAs IRed and Photo?뭈riac
TLP762J TOSHIBA-TLP762J_14 Datasheet
188Kb / 5P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP166J TOSHIBA-TLP166J_14 Datasheet
163Kb / 4P
   TOSHIBA Photocoupler GaAs Ired plus Photo?뭈riac
TLP548J TOSHIBA-TLP548J_14 Datasheet
273Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Thyristor
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com