전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M37735M4B 데이터시트(PDF) 1 Page - Mitsubishi Electric Semiconductor

부품명 M37735M4B
상세설명  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37735M4B 데이터시트(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M37735M4B Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37735M4B Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37735M4B Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37735M4B Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37735M4B Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37735M4B Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37735M4B Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37735M4B Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37735M4B Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
DESCRIPTION
The M37735M4BXXXFP is a single-chip microcomputer using the
7700 Family core. This single-chip microcomputer has a CPU and a
bus interface unit. The CPU is a 16-bit parallel processor that can be
an 8-bit parallel processor, and the bus interface unit enhances the
memory access efficiency to execute instructions fast. This
microcomputer also includes a 32 kHz oscillation circuit, in addition
to the ROM, RAM, multiple-function timers, serial I/O, A-D converter,
and so on.
FEATURES
qNumber of basic instructions .................................................. 103
qMemory size
ROM ................................................. 32 Kbytes
RAM ................................................ 2048 bytes
qInstruction execution time
The fastest instruction at 25 MHz frequency ...................... 160 ns
qSingle power supply ...................................................... 5 V ± 10%
qLow power dissipation (at 25 MHz frequency)
............................................47.5 mW (Typ.)
qInterrupts ............................................................ 19 types, 7 levels
qMultiple-function 16-bit timer ................................................. 5 + 3
qSerial I/O (UART or clock synchronous) ..................................... 3
q10-bit A-D converter ............................................ 8-channel inputs
q12-bit watchdog timer
qProgrammable input/output
(ports P0, P1, P2, P3, P4, P5, P6, P7, P8) ............................... 68
qClock generating circuit ........................................ 2 circuits built-in
APPLICATION
Control devices for general commercial equipment such as office
automation, office equipment, and so on.
Control devices for general industrial equipment such as
communication equipment, and so on.
PIN CONFIGURATION (TOP VIEW)
MITSUBISHI MICROCOMPUTERS
M37735M4BXXXFP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
1
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
68
P40/HOLD
P27/A7/D7
25
27
26
28
34
29
31
32
33
35
38
39
40
80
79
78
77
76
75
74
73
72
71
69
67
66
65
70
Outline 80P6N-A
P74/AN4/RxD2
P73/AN3/CLK2
P72/AN2/CTS2
P71/AN1
P75/AN5/ADTRG/TxD2
P76/AN6/XcOUT
P77/AN7/XcIN
VSS
AVSS
VREF
AVCC
VCC
P80/CTS0/RTS0/CLKS1
P81/CLK0
P82/RXD0/CLKS0
P83/TXD0
RESET
XOUT
P32/ALE
P30/WEL
P31/WEH
CNVSS
Vss
BYTE
XIN
P26/A6/D6
P25/A5/D5
P24/A4/D4
E/RDE
P33/HLDA
37
36
30
M37735M4BXXXFP


유사한 부품 번호 - M37735M4B

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
M37735M4BXXXFP RENESAS-M37735M4BXXXFP Datasheet
436Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

유사한 설명 - M37735M4B

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com