전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP591B 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TLP591B
상세설명  TOSHIBA Photocoupler GaA-As Ired and Photo?묭iode Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP591B 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TLP591B_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP591B_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP591B_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP591B_14 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLP591B
2014-09-01
1
TOSHIBA Photocoupler GaAℓAs Ired & Photo
−Diode Array
TLP591B
Telecommunications
Programmable Controllers
MOS Gate Drivers
MOSFET Gate Drivers
The TOSHIBA TLP591B consists of an aluminum gallium arsenide
infrared emitting diode optically coupled to a series-connected
photo−diode array in a six-lead plastic DIP package.
The TLP591B is suitable for MOS FET gate drivers.
The TLP591B has an internal shunt resistor to optimize switching speed.
• UL recognized: UL1577, file no. E67349
Absolute Maximum Ratings (Ta = 25°C)
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature,
etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba
Semiconductor Reliability Handbook (“Handling Precautions”/“Derating
Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(Note 1) Device considered a two terminal device: Pins 1, 2 and 3 shorted
together, and pins 4 and 6 shorted together.
Pin Configuration (top view)
Unit: mm
TOSHIBA
11−7A9
Weight: 0.39 g (typ.)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating
(Ta ≥ 25°C)
∆IF /°C
−0.5
mA /°C
Pulse forward current
(100 μs pulse, 100 pps)
IFP
1
A
Reverse voltage
VR
3
V
Junction temperature
Tj
125
°C
Forward current
IFD
50
μA
Reverse voltage
VRD
10
V
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55 to 125
°C
Operating temperature range
Topr
−40 to 85
°C
Lead soldering temperature (10 sec.)
Tsol
260
°C
Isolation voltage
(AC, 1 minute, R.H. ≤ 60%)
(Note 1)
BVS
2500
Vrms
1. : Anode(LED)
2. : Cathode(LED)
3. : NC
4. : Cathode
6. : Anode
1
2
4
6
3
Start of commercial production
1990/11


유사한 부품 번호 - TLP591B_14

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP591B TOSHIBA-TLP591B_07 Datasheet
183Kb / 4P
   Telecommunication Programmable Controllers MOS Gate Driver MOS FET Gate Driver
More results

유사한 설명 - TLP591B_14

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP590B TOSHIBA-TLP590B_14 Datasheet
192Kb / 6P
   TOSHIBA Photocoupler GaA-As Ired & Photo?묭iode Array
TLP3914 TOSHIBA-TLP3914_14 Datasheet
265Kb / 7P
   TOSHIBA PHOTOCOUPLER GaA-As IRED and PHOTO?묭IODE ARRAY
TLP3924 TOSHIBA-TLP3924_14 Datasheet
246Kb / 5P
   TOSHIBA PHOTOCOUPLER GaA-As IRED and PHOTO?묭IODE ARRAY
TLP3904 TOSHIBA-TLP3904_14 Datasheet
264Kb / 7P
   TOSHIBA PHOTOCOUPLER GaAs IRED and PHOTO?묭IODE ARRAY
TLP3902 TOSHIBA-TLP3902_14 Datasheet
210Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED and PHOTO?묭IODE ARRAY
TLP118 TOSHIBA-TLP118 Datasheet
315Kb / 13P
   TOSHIBA PHOTOCOUPLER GaA As Ired & PHOTO-IC
TLP715 TOSHIBA-TLP715 Datasheet
252Kb / 9P
   TOSHIBA PHOTOCOUPLER GaA As IRED & PHOTO-IC
TLP168J TOSHIBA-TLP168J_14 Datasheet
184Kb / 6P
   TOSHIBA Photocoupler GaA-As IRed & Photo-Triac
TLP191B TOSHIBA-TLP191B Datasheet
161Kb / 4P
   TOSHIBA Photocoupler GaA?밃s Ired & Photo-Diode Array
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
   TOSHIBA Photocoupler GaA?밃s Ired Photo IC
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com