전자부품 데이터시트 검색엔진 |
|
DL100-22AA2112 데이터시트(PDF) 2 Page - SICK AG |
|
DL100-22AA2112 데이터시트(HTML) 2 Page - SICK AG |
2 / 7 page A B C D E F H I J K L M N O P Q R S T DL100-22AA2112 | Dx100 LONG RANGE DISTANCE SENSORS 2 DISTANCE SENSORS | SICK Online data sheet | 2016-03-17 13:18:11 Subject to change without notice Illustration may differ Ordering information Type Part no. DL100-22AA2112 1058166 Other models and accessories www.sick.com/Dx100 Detailed technical data Performance Measuring range 0.15 m ... 200 m, on reflective tape "Diamond Grade" Resolution 0.1 mm, 0.125 mm, 1 mm, 10 mm, 100 mm Repeatability 1 mm 1) Accuracy ± 2.5 mm 2) Dead time 2 ms Output time Synchronous to PLC request (dependent on interfaces) Light source Laser, red 3) Laser class 2 (EN 60825-1 / CDRH) Typ. light spot size (distance) 5 mm (+ 2 mm x distance in m) Max. movement speed 30 m/s Acceleration (max.) ≤ 15 m/s² Internal measurement cycle 1 ms 1) Statistical error 1 σ, environmental conditions constant, min. warm-up time 10 min. 2) From 150 mm ... 180 mm measuring range the accuracy can reach ± 4 mm. 3) Average service life: 100,000 h at TU = +25 °C. Interfaces Switching output B (push/pull), MF1, MF2 1) Multifunctional input (MF) 1 x MF1 2) Data interface PROFINET 1) HIGH > VS - 3 V / LOW < 2 V. 2) HIGH > 12 V / LOW < 3 V. Mechanics/electronics Supply voltage Vs DC 18 V ... 30 V, limit values 1) May not fall short of or exceed VS tolerances. 2) After loss of reflector < 40 ms. 3) Without mounting bracket: approx. 800 g, with mounting bracket: approx. 1,600 g. 4) Short-circuit protected, overload-protected. Max. 100 nF / 20 mH. |
유사한 부품 번호 - DL100-22AA2112 |
|
유사한 설명 - DL100-22AA2112 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |