전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DL100-22HA2102 데이터시트(PDF) 5 Page - SICK AG

부품명 DL100-22HA2102
상세설명  LONG RANGE DISTANCE SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SICK [SICK AG]
홈페이지  http://www.sick.com/
Logo SICK - SICK AG

DL100-22HA2102 데이터시트(HTML) 5 Page - SICK AG

  DL100-22HA2102 Datasheet HTML 1Page - SICK AG DL100-22HA2102 Datasheet HTML 2Page - SICK AG DL100-22HA2102 Datasheet HTML 3Page - SICK AG DL100-22HA2102 Datasheet HTML 4Page - SICK AG DL100-22HA2102 Datasheet HTML 5Page - SICK AG DL100-22HA2102 Datasheet HTML 6Page - SICK AG DL100-22HA2102 Datasheet HTML 7Page - SICK AG DL100-22HA2102 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DL100-22HA2102 | Dx100
LONG RANGE DISTANCE SENSORS
2016-03-17 13:18:11 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
5
DL100 Pro PROFIBUS OUT, M12 female connector, 5-pin, B-coded
1
4
5
2
3
Dx100 PROFIBUS/PROFINET/CANopen/Ethernet/IP, M12 male connector, 4-pin, A-coded
1
2
4
3
Connection diagram
DL100 Pro PROFIBUS OUT, M12 female connector, 5-pin, B-coded
+5 V
A
B
1
2
4
grn
red
GND
3
nc
5
1
①  Not assigned
Dx100 PROFIBUS/PROFINET, M12 male connector, 4-pin
L+
MF2
M
MF1
1
2
4
wht
blu
brn
blk
3
Ethernet M12 female connector, 4-pin
Tx+
Rx+
Tx–
Rx–
1
2
4
3


유사한 부품 번호 - DL100-22HA2102

제조업체부품명데이터시트상세설명
logo
SICK AG
DL100-22HA2101 SICK-DL100-22HA2101 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-22HA2103 SICK-DL100-22HA2103 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-22HA2109 SICK-DL100-22HA2109 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
More results

유사한 설명 - DL100-22HA2102

제조업체부품명데이터시트상세설명
logo
SICK AG
DL100-22AA2102 SICK-DL100-22AA2102 Datasheet
1Mb / 8P
   LONG RANGE DISTANCE SENSORS
DME4000-119 SICK-DME4000-119 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DME4000-314 SICK-DME4000-314 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME4000-327 SICK-DME4000-327 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-123 SICK-DME5000-123 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-212 SICK-DME5000-212 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-11AA2110 SICK-DL100-11AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2101 SICK-DL100-12AA2101 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2110 SICK-DL100-12AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-13HA2112 SICK-DL100-13HA2112 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-21AA2109 SICK-DL100-21AA2109 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com