전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M02139-13 데이터시트(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

부품명 M02139-13
상세설명  1G/10G Gbps TIA with AGC and Rate Select
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02139-13 데이터시트(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

Back Button M02139-13 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02139-13 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02139-13 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02139-13 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02139-13 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02139-13 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02139-13 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02139-13 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02139-13 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Product Specification
02139-DSH-001-D
Mindspeed Technologies
®
6
Mindspeed Proprietary and Confidential
Photodiode current monitor Offset
No input current
2
µA
Photodiode current monitor Accuracy (4)
Iin range: 10 µAAVG –2.0 mAAVG after
offset removed, VMON = 0 – 2 V
——
1
dB
Photodiode current monitor Gain Ratio
VMON = 0 to 2 V
1:1
Power Supply Rejection Ratio
DC to 1 MHz
24
dB
Optical input sensitivity
10.3 Gbps (5)
-18.5
dBm
8.5 Gbps (5)
-19.5
6.144 Gbps (5)
-20.5
1.25 Gbps (5)
-22
NOTES:
1.
Overload is the largest p-p input current that the M02139 accepts while meeting specifications.
2.
The device may be damaged beyond this optical input signal level.
3.
Input Referred Noise is derived by calculation as (RMS output noise) / (Gain at 100 MHz).
4.
Includes variation over supply and temperature.
5.
Measured by using 10 -12 BER. Transmitter extinction ratio is 10 dB and responsivity of photo diode is 0.9 A/W.
Table 1-4.
AC Characteristics
Parameter
Conditions
Minimum
Typical
Maximum
Units


유사한 부품 번호 - M02139-13

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
M02139 ETC2-M02139 Datasheet
365Kb / 18P
   10GBASE-SR, IR and LR Links
More results

유사한 설명 - M02139-13

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
02020-DSH-001-F MA-COM-02020-DSH-001-F Datasheet
300Kb / 15P
   4 Gbps CMOS TIA with AGC
logo
Texas Instruments
ONET4291TA TI-ONET4291TA Datasheet
960Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI-ONET2591TA Datasheet
949Kb / 15P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291TA TI1-ONET4291TA_12 Datasheet
963Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI1-ONET2591TA_17 Datasheet
951Kb / 16P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
logo
Sanyo Semicon Device
LA7205M SANYO-LA7205M Datasheet
14Kb / 1P
   AGC AMP, INPUT SELECT, AGC DET, COMPARATOR
logo
Texas Instruments
ONET8511T TI-ONET8511T Datasheet
315Kb / 14P
[Old version datasheet]   11.3 Gbps Linear Transimpedance Amplifier With AGC and RSSI
logo
M/A-COM Technology Solu...
02015-BRF-001-A MA-COM-02015-BRF-001-A Datasheet
116Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com