전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M02139-23 데이터시트(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

부품명 M02139-23
상세설명  1G/10G Gbps TIA with AGC and Rate Select
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02139-23 데이터시트(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M02139-23 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02139-23 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02139-23 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02139-23 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02139-23 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02139-23 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02139-23 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02139-23 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02139-23 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
02139-DSH-001-D
Mindspeed Technologies
®
2
Mindspeed Proprietary and Confidential
Typical Eye Diagram
Pad Configuration
Ordering Information
Part Number
Package
Operating Temperature
M02139-13
Waffle Pack
–40 °C to 95 °C
M02139-23
Sawn Quartered Wafer
–40 °C to 95 °C
M02139-33
Expanded whole wafer on a ring
–40 °C to 95 °C
Revision History
Revision
Level
Date
Description
D
Release
August 2011
Added 10G specifications. Added final specifications.
C
Preliminary
March 2011
Removed 10G support and added lower data rate sensitivity performance.
Revised ordering information details.
B
Preliminary
August 2010
Corrected Figure 3-2 and other text edits.
A
Preliminary
April 2010
Initial release.
10.3 Gbps, -15 dBm, 20 mV/div, 16 ps/div
MON
PINA
PINK
VCC
AGC
DOUT
GND
GND
1
2
3
4
56
7
13
14
VCC
DOUT
NC
9
8
10
12
11
NC
Die size
1242 x 932 µm


유사한 부품 번호 - M02139-23

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
M02139 ETC2-M02139 Datasheet
365Kb / 18P
   10GBASE-SR, IR and LR Links
More results

유사한 설명 - M02139-23

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
02020-DSH-001-F MA-COM-02020-DSH-001-F Datasheet
300Kb / 15P
   4 Gbps CMOS TIA with AGC
logo
Texas Instruments
ONET4291TA TI-ONET4291TA Datasheet
960Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI-ONET2591TA Datasheet
949Kb / 15P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291TA TI1-ONET4291TA_12 Datasheet
963Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI1-ONET2591TA_17 Datasheet
951Kb / 16P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
logo
Sanyo Semicon Device
LA7205M SANYO-LA7205M Datasheet
14Kb / 1P
   AGC AMP, INPUT SELECT, AGC DET, COMPARATOR
logo
Texas Instruments
ONET8511T TI-ONET8511T Datasheet
315Kb / 14P
[Old version datasheet]   11.3 Gbps Linear Transimpedance Amplifier With AGC and RSSI
logo
M/A-COM Technology Solu...
02015-BRF-001-A MA-COM-02015-BRF-001-A Datasheet
116Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com