전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M02066G-21 데이터시트(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

부품명 M02066G-21
상세설명  3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02066G-21 데이터시트(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  M02066G-21 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02066G-21 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02066G-21 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02066G-21 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02066G-21 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02066G-21 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02066G-21 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02066G-21 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02066G-21 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
02066-DSH-001-D
Mindspeed Technologies
®
1
Preliminary Information / Mindspeed Proprietary and Confidential
1.0 Product Specification
1.1
Absolute Maximum Ratings
These are the absolute maximum ratings at or beyond which the IC can be expected to fail or be damaged.
Functional operation at these levels is not implied.
1.2
Recommended Operating Conditions
Table 1-1.
Absolute Maximum Ratings
Parameter
Rating
Units
Power supply (VCC-GND)
-0.5 to +6.0
V
Operating ambient
-40 to +85
°C
Storage temperature
-65 to +150
°C
Maximum laser bias current
120
mA
Maximum laser modulation current (through OUT+/OUT2+, OUT-/OUT2-)
100
mA
Table 1-2.
Recommended Operating Conditions
Parameter
Rating
Units
Power supply (VCC-GND)
3.3 ± 10%
V
Junction temperature (die)
-40 to + 120
°C
Operating ambient
-40 to + 85
°C


유사한 부품 번호 - M02066G-21

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
M02066G-21 MA-COM-M02066G-21 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
More results

유사한 설명 - M02066G-21

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02067 MA-COM-M02067_17 Datasheet
414Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
02067-DSH-001-G MA-COM-02067-DSH-001-G Datasheet
349Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
CX02066 MA-COM-CX02066 Datasheet
105Kb / 2P
   3.3 Volt Highly Integrated, Programmable Laser Driver IC for SONET/SDH Applications
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com