전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC90107FG 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC90107FG
상세설명  Single Channel Video Decoder
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC90107FG 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC90107FG Datasheet HTML 1Page - Toshiba Semiconductor TC90107FG Datasheet HTML 2Page - Toshiba Semiconductor TC90107FG Datasheet HTML 3Page - Toshiba Semiconductor TC90107FG Datasheet HTML 4Page - Toshiba Semiconductor TC90107FG Datasheet HTML 5Page - Toshiba Semiconductor TC90107FG Datasheet HTML 6Page - Toshiba Semiconductor TC90107FG Datasheet HTML 7Page - Toshiba Semiconductor TC90107FG Datasheet HTML 8Page - Toshiba Semiconductor TC90107FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Summary
TC90107FG
Page 1
Rev.1.00
2015/11/24
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC90107FG
Single Channel Video Decoder
The TC90107FG is a single chip IC that converts analog
video signal to digital video signal. (ITU-R BT.656)
Additionally, the TC90107FG has one 10bit ADC as
analog input interface, and has one 3-line Y/C separation,
and multi-system color decoder.
1.
Features
1. Analog Video signal Input :
CVBS
2. Adaptive multi-color decoder (1ch)
3. Sync processing / Video system detection
4. 10bit ADC (1ch)
5. Analog AGC (Sync AGC + Peak AGC)
6. LPF circuit for input analog video signal
7. Y/C separation:
3-line YCS (NTSC/PAL)
Band Pass Filter (SECAM)
8. Picture process
Y:
HV enhance, V enhance, LTI, sharpness, noise cancel,
Dynamic gamma correction, Static gamma correction
Contrast, Brightness
C:
TOF, ACC, Color gain, Color offset, CTI, noise cancel, Tint,
Color management, Color gain correction linked to Y-gamma
9. Function
Horizontal aberration correction, Data slice(WSS / Video-ID / CC), S/N detection
10. Digital Video signal output:
ITU-R BT.656
11. I
2C-bus control
12. Regulator circuit
(3.3 V input / 2.5 V output)
13. Package:
LQFP 64 Pin (0.50 mm pitch)
14. Power supply:
3.3 V, 2.5 V, 1.5 V
15. Operation temperature
: -40°C to 85°C
LQFP64-P-1010-0.50E
Weight: 0.40 g (typ.)
©2015 TOSHIBA CORPORATION


유사한 부품 번호 - TC90107FG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC90101FG TOSHIBA-TC90101FG Datasheet
393Kb / 36P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC90104AFG TOSHIBA-TC90104AFG Datasheet
750Kb / 16P
   Multi System Video Decoder
TC90104FG TOSHIBA-TC90104FG Datasheet
879Kb / 18P
   Multi System Video Decoder IC
TC90105FG TOSHIBA-TC90105FG Datasheet
536Kb / 18P
   Dual channel Video Decoder
TC90106FG TOSHIBA-TC90106FG Datasheet
726Kb / 18P
   Multi System Video Decoder for Component input
More results

유사한 설명 - TC90107FG

제조업체부품명데이터시트상세설명
logo
Davicom Semiconductor, ...
DM5900 DAVICOM-DM5900 Datasheet
63Kb / 3P
   1-Channel Video Decoder
logo
Synaptics Incorporated.
CX25850 CONEXANT-CX25850 Datasheet
187Kb / 2P
   Multi-Channel Video Decoder
logo
Toshiba Semiconductor
TC90105FG TOSHIBA-TC90105FG Datasheet
536Kb / 18P
   Dual channel Video Decoder
logo
Davicom Semiconductor, ...
DM5150 DAVICOM-DM5150 Datasheet
62Kb / 3P
   1-Channel Video Decoder
DM5960 DAVICOM-DM5960 Datasheet
67Kb / 3P
   1-Channel 960H Video Decoder
logo
Asahi Kasei Microsystem...
AK8857VQ AKM-AK8857VQ Datasheet
1Mb / 105P
   Dual Channel Digital Video Decoder
logo
Davicom Semiconductor, ...
DM5160 DAVICOM-DM5160 Datasheet
62Kb / 3P
   1-Channel 960H Video Decoder
logo
List of Unclassifed Man...
MIK2152 ETC2-MIK2152 Datasheet
384Kb / 17P
   Video Decoder
logo
Hynix Semiconductor
GDC21D401B HYNIX-GDC21D401B Datasheet
694Kb / 28P
   Video Decoder
logo
Synaptics Incorporated.
CX25843 CONEXANT-CX25843 Datasheet
260Kb / 4P
   Single-Chip Broadcast Audio/Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com