전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD1036F 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 TPD1036F
상세설명  2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1036F 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  TPD1036F_13 Datasheet HTML 1Page - Toshiba Semiconductor TPD1036F_13 Datasheet HTML 2Page - Toshiba Semiconductor TPD1036F_13 Datasheet HTML 3Page - Toshiba Semiconductor TPD1036F_13 Datasheet HTML 4Page - Toshiba Semiconductor TPD1036F_13 Datasheet HTML 5Page - Toshiba Semiconductor TPD1036F_13 Datasheet HTML 6Page - Toshiba Semiconductor TPD1036F_13 Datasheet HTML 7Page - Toshiba Semiconductor TPD1036F_13 Datasheet HTML 8Page - Toshiba Semiconductor TPD1036F_13 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TPD1036F
2013-12-26
2
Block Diagram
Pin Description
Pin No.
Symbol
Pin Description
1
SOURCE1
Source pin 1.
2
IN1
Input pin 1.
This pin is connected to a pull-down resistor internally, so that even if the input is open-circuited,
output never turns on inadvertently.
3
SOURCE2
Source pin 2.
4
IN2
Input pin 2.
This pin is connected to a pull-down resistor internally, so that even if the input is open-circuited,
output never turns on inadvertently.
5, 6
DRAIN2
Drain pin 2.
Drain current is limited (by current limiter) if it exceeds 1 A (min) in order to protect the IC.
7, 8
DRAIN1
Drain pin 1.
Drain current is limited (by current limiter) if it exceeds 1 A (min) in order to protect the IC.
DRAIN1
IN1
Overcurrent Detection
/Protection
8
7
Overtemperature Detection
/Protection
1
2
SOURCE1
DRAIN1
DRAIN2
IN2
Overcurrent Detection
/Protection
6
5
Overtemperature Detection
/Protection
3
4
SOURCE2
DRAIN2


유사한 부품 번호 - TPD1036F_13

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPD1036F TOSHIBA-TPD1036F Datasheet
190Kb / 9P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
More results

유사한 설명 - TPD1036F_13

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPD1036F TOSHIBA-TPD1036F Datasheet
190Kb / 9P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1039F TOSHIBA-TPD1039F Datasheet
262Kb / 10P
   Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1032F TOSHIBA-TPD1032F Datasheet
199Kb / 7P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1032F TOSHIBA-TPD1032F_13 Datasheet
199Kb / 7P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1046F TOSHIBA-TPD1046F_13 Datasheet
289Kb / 11P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1046F TOSHIBA-TPD1046F Datasheet
283Kb / 11P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1030F TOSHIBA-TPD1030F_13 Datasheet
175Kb / 6P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1030F TOSHIBA-TPD1030F_07 Datasheet
175Kb / 6P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1030F TOSHIBA-TPD1030F Datasheet
112Kb / 5P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
   High-side Power Switch for Motor, Solenoid and Lamp Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com