전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC08100CIMTX 데이터시트(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 ADC08100CIMTX
상세설명  8-Bit, 20 MSPS to 100 MSPS, 1.3 mW/MSPS A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08100CIMTX 데이터시트(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC08100CIMTX Datasheet HTML 2Page - National Semiconductor (TI) ADC08100CIMTX Datasheet HTML 3Page - National Semiconductor (TI) ADC08100CIMTX Datasheet HTML 4Page - National Semiconductor (TI) ADC08100CIMTX Datasheet HTML 5Page - National Semiconductor (TI) ADC08100CIMTX Datasheet HTML 6Page - National Semiconductor (TI) ADC08100CIMTX Datasheet HTML 7Page - National Semiconductor (TI) ADC08100CIMTX Datasheet HTML 8Page - National Semiconductor (TI) ADC08100CIMTX Datasheet HTML 9Page - National Semiconductor (TI) ADC08100CIMTX Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Converter Electrical Characteristics (Continued)
The following specifications apply for V
A =DRVD = +3.0VDC,VRT = +1.9V, VRB = 0.3V, CL = 10 pF, fCLK = 100 MHz at 50%
duty cycle. Boldface limits apply for T
A =TMIN to TMAX: all other limits TA = 25˚C (Notes 7, 8)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 9)
Units
(Limits)
POWER SUPPLY CHARACTERISTICS
DR I
D
Output Driver Supply Current
DC Input
1
2
mA (max)
f
IN = 10 MHz, VIN =FS−3dB
8
mA (max)
I
A +
DRI
D
Total Operating Current
DC Input
42
52
mA (max)
f
IN = 10 MHz, VIN =FS−3dB,
PD = Low
49
CLK Low, PD = Hi
0.2
PC
Power Consumption
DC Input
126
156
mW (max)
f
IN = 10 MHz, VIN =FS−3dB,
PD = Low
147
mW
CLK Low, PD = Hi
0.6
mW
PSRR
1
Power Supply Rejection Ratio
FSE change with 2.7V to 3.3V change
in V
A
54
dB
PSRR
2
Power Supply Rejection Ratio
SNR change with 200 mV at 1 MHz
on supply
TBD
dB
AC ELECTRICAL CHARACTERISTICS
f
C1
Maximum Conversion Rate
125
100
MHz (min)
f
C2
Minimum Conversion Rate
20
MHz
t
CL
Minimum Clock Low Time
4.5
ns (min)
t
CH
Minimum Clock High Time
4.5
ns (min)
t
OH
Output Hold Time
CLK Rise to Data Invalid
4.4
ns
t
OD
Output Delay
CLK Rise to Data Valid
5.9
8.5
ns (max)
Pipeline Delay (Latency)
2.5
Clock Cycles
t
AD
Sampling (Aperture) Delay
CLK Fall to Acquisition of Data
1.5
ns
t
AJ
Aperture Jitter
2
ps rms
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: All voltages are measured with respect to GND = AGND = DR GND = 0V, unless otherwise specified.
Note 3: When the input voltage at any pin exceeds the power supplies (that is, less than AGND or DR GND, or greater than VA or DR VD), the current at that pin
should be limited to 25 mA. The 50 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input
current of 25 mA to two.
Note 4: The absolute maximum junction temperature (TJmax) for this device is 150˚C. The maximum allowable power dissipation is dictated by TJmax, the
junction-to-ambient thermal resistance (
θJA), and the ambient temperature (TA), and can be calculated using the formula PDMAX=(TJmax − TA)/ θJA. In the 24-pin
TSSOP,
θJA is 92˚C/W, so PDMAX = 1,358 mW at 25˚C and 435 mW at the maximum operating ambient temperature of 85˚C. Note that the power consumption of
this device under normal operation will typically be about 162 mW (126 mW quiescent power + 12 mW reference ladder power + 24 mW to drive the output bus
capacitance). The values for maximum power dissipation listed above will be reached only when the ADC08100 is operated in a severe fault condition (e.g., when
input or output pins are driven beyond the power supply voltages, or the power supply polarity is reversed). Obviously, such conditions should always be avoided.
Note 5: Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through ZERO Ohms.
Note 6: See AN-450, “Surface Mounting Methods and Their Effect on Product Reliability”, or the section entitled “Surface Mount” found in any post 1986 National
Semiconductor Linear Data Book, for other methods of soldering surface mount devices.
Note 7: The analog inputs are protected as shown below. Input voltage magnitudes up to VA + 300 mV or to 300 mV below GND will not damage this device.
However, errors in the A/D conversion can occur if the input goes above DR VD or below GND by more than 100 mV. For example, if VA is 2.7VDC the full-scale input
voltage must be
≤2.6VDC to ensure accurate conversions.
www.national.com
6


유사한 부품 번호 - ADC08100CIMTX

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC08100CIMTC NSC-ADC08100CIMTC Datasheet
438Kb / 20P
   8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
logo
Texas Instruments
ADC08100CIMTC TI1-ADC08100CIMTC Datasheet
1Mb / 28P
[Old version datasheet]   ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
ADC08100CIMTC/NOPB TI1-ADC08100CIMTC/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
logo
National Semiconductor ...
ADC08100CIMTCX NSC-ADC08100CIMTCX Datasheet
438Kb / 20P
   8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
logo
Texas Instruments
ADC08100CIMTCX/NOPB TI1-ADC08100CIMTCX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
More results

유사한 설명 - ADC08100CIMTX

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC08100 NSC-ADC08100_08 Datasheet
438Kb / 20P
   8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
logo
Texas Instruments
ADC08100 TI1-ADC08100_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
logo
National Semiconductor ...
ADC08060 NSC-ADC08060 Datasheet
539Kb / 19P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter
ADC08060 NSC-ADC08060_08 Datasheet
443Kb / 20P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08060 TI1-ADC08060_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand Hold
logo
National Semiconductor ...
ADC08200 NSC-ADC08200 Datasheet
905Kb / 19P
   8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Analog Devices
AD775 AD-AD775_15 Datasheet
336Kb / 12P
   8-Bit 20 MSPS, 60 mW Sampling A/D Converter
REV. 0
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. B
AD775 AD-AD775 Datasheet
332Kb / 12P
   8-Bit 20 MSPS, 60 mW Sampling A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19