전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3492HCMHX 데이터시트(PDF) 1 Page - Texas Instruments

부품명 LM3492HCMHX
상세설명  Two-Channel, Individual Dimmable LED Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3492HCMHX 데이터시트(HTML) 1 Page - Texas Instruments

  LM3492HCMHX Datasheet HTML 1Page - Texas Instruments LM3492HCMHX Datasheet HTML 2Page - Texas Instruments LM3492HCMHX Datasheet HTML 3Page - Texas Instruments LM3492HCMHX Datasheet HTML 4Page - Texas Instruments LM3492HCMHX Datasheet HTML 5Page - Texas Instruments LM3492HCMHX Datasheet HTML 6Page - Texas Instruments LM3492HCMHX Datasheet HTML 7Page - Texas Instruments LM3492HCMHX Datasheet HTML 8Page - Texas Instruments LM3492HCMHX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
VIN
CDHC
LM3492HC
LM3492HC-Q1
VCC
EN
SW
RT
VOUT
FB
PGND
GND
COMM
DIM1/CLK
DIM2
IREF
ILIM
LGND
IOUT1
IOUT2
RRT
L1
CFB
RFB1
COUT
RFB2
RIREF
CVCC
RCOMM
CCDHC
CIN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3492HC-Q1, LM3492HC
SNVS797B – MARCH 2012 – REVISED OCTOBER 2015
LM3492HC/-Q1 Two-Channel, Individual Dimmable, LED Driver
With Boost Converter and Fast Current Regulator
1 Features
2 Applications
1
Boost Converter
Ultra-High Contrast Ratio 6.5” to 10” LCD Display
Backlight up to 28 LEDs
Automotive Grade Product, Q100 Grade-1
Automotive or Marine GPS Display
Qualified
Very Wide Input Voltage Range: 4.5 V to 65 V
3 Description
Programmable Soft-Start Period
The
LM3492HC/-Q1
device
integrates
a
boost
No Loop Compensation Required
converter and a two-channel current regulator to
Stable with Ceramic and Other Low ESR
implement a highly efficient and cost effective LED
Capacitors with No Audible Noise
driver. This device drives two individually dimmable
LED strings with a maximum power of 15 W and an
Nearly Constant Switching Frequency
output voltage of up to 65 V. The boost converter
Programmable from 200 kHz to 1 MHz
employs
a
proprietary
projected-on-time
control
Current Regulator
method to give a fast transient response with no
Programmable LED Current: 50 mA to 250 mA
compensation
required.
The
nearly
constant
switching frequency can be set to a level from 200
10000:1 Contrast Ratio, 300-ns Minimum
kHz to 1 MHz. Ceramic capacitors stabilize the
Pulse Width
application circuit and produce no audible noise on
Two Individual Dimmable LED Strings up to
dimming. The programmable peak current limit and
65 V, Total 15 W (Typically 28 LEDs at
soft-start features reduce current surges at start-up.
150 mA)
An integrated, 190-m
Ω, 3.9-A, N-Channel MOSFET
switch minimizes the solution size. The fast slew rate
Dynamic Headroom Control Maximizes
current regulator allows high frequency and narrow
Efficiency
pulse width dimming signals to achieve a very high
Over-Power Protection
contrast ratio of 10000:1. The LED current can be set
±3% Current Accuracy
from 50 mA to 250 mA by a single resistor.
Supervisory Functions
Device Information(1)
Precision Enable
PART NUMBER
PACKAGE
BODY SIZE (NOM)
COMM I/O Pin for Diagnostic and Commands
LM3492HC
PWP (20)
6.50 mm × 4.40 mm
Thermal Shutdown Protection
LM3492HC-Q1
Thermally Enhanced PWP, 20-Pin Package
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - LM3492HCMHX

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3492HCMHX TI1-LM3492HCMHX Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
More results

유사한 설명 - LM3492HCMHX

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3492 TI1-LM3492 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver
LM3492 TI1-LM3492_15 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492MH TI-LM3492MH Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492HC TI1-LM3492HC Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
logo
Diodes Incorporated
AL1692-30B DIODES-AL1692-30B Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
AL1692-10E DIODES-AL1692-10E Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
AL1698 DIODES-AL1698 Datasheet
748Kb / 15P
   DIMMABLE LED DRIVER
September 2019
logo
Supertex, Inc
HV9801A SUTEX-HV9801A Datasheet
969Kb / 9P
   Switch Dimmable LED Driver
HV9801A SUTEX-HV9801A_12 Datasheet
990Kb / 9P
   Switch Dimmable LED Driver
logo
Diodes Incorporated
AL16937 DIODES-AL16937 Datasheet
327Kb / 15P
   BUCK DIMMABLE LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com