전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC1825A-SP 데이터시트(PDF) 10 Page - Texas Instruments

부품명 UC1825A-SP
상세설명  Rad-Tolerant Class-V, High-Speed PWM Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UC1825A-SP 데이터시트(HTML) 10 Page - Texas Instruments

Back Button UC1825A-SP_15 Datasheet HTML 6Page - Texas Instruments UC1825A-SP_15 Datasheet HTML 7Page - Texas Instruments UC1825A-SP_15 Datasheet HTML 8Page - Texas Instruments UC1825A-SP_15 Datasheet HTML 9Page - Texas Instruments UC1825A-SP_15 Datasheet HTML 10Page - Texas Instruments UC1825A-SP_15 Datasheet HTML 11Page - Texas Instruments UC1825A-SP_15 Datasheet HTML 12Page - Texas Instruments UC1825A-SP_15 Datasheet HTML 13Page - Texas Instruments UC1825A-SP_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
UDG-95108
0
0.1
0.2
0.3
0.8
0.5
0.6
0.7
0.9
0.4
0
0.5
1
1.5
2
2.5
3
1
Output Current (A)
25°C
–55°C
UDG-95106
VCC
OUT
PGND
UVLO
50 k
250 A
Q3
Q2
Q4
Q1
UDG-96106
Fault
5 V
1.2 V
1.2 V
0.2 V
On
Off
PWM
VSS
UC1825A-SP
SLUS873B – JANUARY 2009 – REVISED OCTOBER 2015
www.ti.com
Feature Description (continued)
Figure 4. Soft-Start and Fault Waveforms
8.3.3 Active Low Outputs During UVLO
The UVLO function forces the outputs to be low and considers both VCC and VREF before allowing the chip to
operate (see Figure 5 and Figure 6).
Figure 5. Output Voltage vs Output Current
Figure 6. Output V And I During UVLO
10
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: UC1825A-SP


유사한 부품 번호 - UC1825A-SP_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1825A-SP TI1-UC1825A-SP_16 Datasheet
831Kb / 40P
[Old version datasheet]   Class-V, Radiation Hardened High-Speed PWM Controller
More results

유사한 설명 - UC1825A-SP_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1825A-SP TI1-UC1825A-SP Datasheet
513Kb / 16P
[Old version datasheet]   RAD-TOLERANT CLASS-V, HIGH-SPEED PWM CONTROLLER
UC1825-SP TI-UC1825-SP_15 Datasheet
264Kb / 18P
[Old version datasheet]   RAD-TOLERANT CLASS V, HIGH-SPEED PWM CONTROLLER
UC1825A-DIE TI-UC1825A-DIE_15 Datasheet
153Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC19432-SP TI1-UC19432-SP Datasheet
770Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1625-SP TI1-UC1625-SP Datasheet
304Kb / 21P
[Old version datasheet]   RAD-TOLERANT CLASS V, BRUSHLESS DC MOTOR CONTROLLER
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com