전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD17313Q2Q1 데이터시트(PDF) 3 Page - Texas Instruments

부품명 CSD17313Q2Q1
상세설명  N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17313Q2Q1 데이터시트(HTML) 3 Page - Texas Instruments

  CSD17313Q2Q1_15 Datasheet HTML 1Page - Texas Instruments CSD17313Q2Q1_15 Datasheet HTML 2Page - Texas Instruments CSD17313Q2Q1_15 Datasheet HTML 3Page - Texas Instruments CSD17313Q2Q1_15 Datasheet HTML 4Page - Texas Instruments CSD17313Q2Q1_15 Datasheet HTML 5Page - Texas Instruments CSD17313Q2Q1_15 Datasheet HTML 6Page - Texas Instruments CSD17313Q2Q1_15 Datasheet HTML 7Page - Texas Instruments CSD17313Q2Q1_15 Datasheet HTML 8Page - Texas Instruments CSD17313Q2Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CSD17313Q2Q1
www.ti.com
SLPS427D – OCTOBER 2012 – REVISED SEPTEMBER 2015
5 Specifications
5.1 Electrical Characteristics
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0 V, ID = 250 μA
30
V
IDSS
Drain-to-source leakage
VGS = 0 V, VDS = 24 V
1
μA
IGSS
Gate-to-source leakage
VDS = 0 V, VGS = +10 / -8 V
100
nA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, ID = 250 μA
0.9
1.3
1.8
V
VGS = 3 V, ID = 4 A
31
42
m
RDS(on)
Drain-to-source on resistance
VGS = 4.5 V, ID = 4 A
26
32
m
VGS = 8 V, ID = 4 A
24
30
m
gfs
Transconductance
VDS = 15 V, ID = 4 A
16
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
260
340
pF
VGS = 0 V, VDS = 15 V,
Coss
Output capacitance
140
180
pF
ƒ = 1 MHz
Crss
Reverse transfer capacitance
13
17
pF
RG
Series gate resistance
1.3
2.6
Ω
Qg
Gate charge total (4.5 V)
2.1
2.7
nC
Qgd
Gate charge – gate-to-drain
0.4
nC
VDS = 15 V,
ID = 4 A
Qgs
Gate charge – gate-to-source
0.7
nC
Qg(th)
Gate charge at Vth
0.3
nC
Qoss
Output charge
VDS = 13.5 V, VGS = 0 V
3.8
nC
td(on)
Turn on delay time
2.8
ns
tr
Rise time
3.9
ns
VDS = 15 V, VGS = 4.5 V,
ID = 4 A, RG = 2 Ω
td(off)
Turn off delay time
4.2
ns
tf
Fall time
1.3
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = 4 A, VGS = 0V
0.85
1
V
Qrr
Reverse recovery charge
6.4
nC
VDD= 13.5 V, IF = 4 A,
di/dt = 300 A/
μs
trr
Reverse recovery time
12.9
ns
5.2 Thermal Information
TA = 25°C (unless otherwise noted)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Thermal resistance junction-to-case(1)
7.4
°C/W
RθJA
Thermal resistance junction-to-ambient(1)(2)
67
°C/W
(1)
RθJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), 2-oz. (0.071=mm thick) Cu pad on a 1.5-inch × 1.5-inch (3.81-cm ×
3.81-cm), 0.06-inch (1.52-mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board design.
(2)
Device mounted on FR4 material with 1-inch2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3


유사한 부품 번호 - CSD17313Q2Q1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD17313Q2Q1 TI-CSD17313Q2Q1 Datasheet
312Kb / 10P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
More results

유사한 설명 - CSD17313Q2Q1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16322Q5 TI-CSD16322Q5 Datasheet
287Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16404Q5A TI-CSD16404Q5A Datasheet
511Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16401Q5 TI1-CSD16401Q5 Datasheet
332Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16414Q5 TI1-CSD16414Q5 Datasheet
348Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16415Q5 TI1-CSD16415Q5 Datasheet
568Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com