전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC1846-SP 데이터시트(PDF) 1 Page - Texas Instruments

부품명 UC1846-SP
상세설명  Current-Mode PWM Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UC1846-SP 데이터시트(HTML) 1 Page - Texas Instruments

  UC1846-SP_15 Datasheet HTML 1Page - Texas Instruments UC1846-SP_15 Datasheet HTML 2Page - Texas Instruments UC1846-SP_15 Datasheet HTML 3Page - Texas Instruments UC1846-SP_15 Datasheet HTML 4Page - Texas Instruments UC1846-SP_15 Datasheet HTML 5Page - Texas Instruments UC1846-SP_15 Datasheet HTML 6Page - Texas Instruments UC1846-SP_15 Datasheet HTML 7Page - Texas Instruments UC1846-SP_15 Datasheet HTML 8Page - Texas Instruments UC1846-SP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
UC1846-SP
SLUS871C – JANUARY 2009 – REVISED OCTOBER 2015
UC1846-SP Rad-Tolerant Class-V, Current-Mode PWM Controller
1 Features
3 Description
The UC1846-SP control devices provide all of the
1
QML-V Qualified, SMD 5962-8680603VxA (1)
necessary features to implement fixed frequency,
Rad-Tolerant: 40 kRad (Si) TID
current mode control schemes while maintaining a
Automatic Feed-Forward Compensation
minimum
external
parts
count.
The
superior
performance of this technique can be measured in
Programmable Pulse-by-Pulse Current Limiting
improved line regulation, enhanced load response
Automatic Symmetry Correction in Push-Pull
characteristics,
and
a
simpler,
easier-to-design
Configuration
control loop. Topological advantages include inherent
Enhanced Load Response Characteristics
pulse-by-pulse current limiting capability, automatic
symmetry correction for push-pull converters, and the
Parallel-Operation Capability for Modular Power
ability to parallel power modules while maintaining
Systems
equal current sharing.
Differential Current-Sense Amplifier With Wide
Protection
circuitry
includes
built-in
UVLO
and
Common-Mode Range
programmable current limit in addition to soft start
Double-Pulse Suppression
capability. A shutdown function is also available
500-mA (Peak) Totem-Pole Outputs
which can initiate either a complete shutdown with
±1% Bandgap Reference
automatic restart or latch the supply off.
Undervoltage Lockout (UVLO)
Other features include fully latched operation, double-
Soft-Start Capability
pulse suppression, deadline adjust capability, a ±1%
trimmed bandgap reference, and low outputs in the
Shutdown Terminal
OFF state.
500-kHz Operation
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DC-DC Converters
CDIP (16)
6.92 mm × 19.56 mm
Satellite Buses and Payloads
CFP (16)
6.73 mm × 10.30 mm
UC1846-SP
Space Launch Vehicles
LCCC (20)
8.89 mm × 8.89 mm
KGD
N/A
Undersea Cabling
Available in Military Temperature Range (–55°C to
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
125°C)
Supports Various Topologies:
Block Diagram
Flyback, Forward, Buck, Boost
Push-Pull, Half-Bridge, Full Bridge With
External Interface Circuit
(1)
Radiation tolerance is a typical value based upon initial device
qualification with dose rate = 10 mRad/s. Radiation Lot
Acceptance Testing is available - contact factory for details.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - UC1846-SP_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1846-SP TI1-UC1846-SP_16 Datasheet
644Kb / 29P
[Old version datasheet]   Class-V, Radiation Hardened PWM Controller
More results

유사한 설명 - UC1846-SP_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com