전자부품 데이터시트 검색엔진 |
|
1N4734A 데이터시트(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd. |
|
1N4734A 데이터시트(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd. |
1 / 3 page 1N47-SERIES ZENER DIODES Zener Voltage: 3.3-100V Peak Pulse Power: 1.0W Case: JEDEC DO-41(GLASS) molded glass body Terminals: Plated axial leads, solderable per MIL-STD 750, method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012 ounce,0.35 grams FEATURE MECHANICAL DATA MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS C Zener Current see Table Characteristics Power Dissipation at Tamb=25 C(Note 1) Junction Temperature Storage Temperature Range Thermal resistance junction ambient(Note 1) Forward voltage at IF=200mA SYMBOLS UNITS VALUE mW C/W V Ratings at 25 C ambient temperature unless otherwise specified. Note 1: Valid provided that leads at a distance of 10mm from case are kept at ambient temperature Ptot Tj TSTG RθJA VF C 1000 200 -65 to + 200 170 1.2 Low zener impedance Low regulation factor Glass passivated junction High temperature soldering guaranteed: 260 C/10S/9.5mm lead length at 5 lbs tension 0.107(2.7) 0.080(2.0) 0.028(0.72) 0.026(0.65) 0.217 (5.51) 0.160(4.06) 1.10(27.9) MIN. Dimensions in inches and (millimeters) DO-41(GLASS) 1.10(27.9) MIN. MDD Catalog Number |
유사한 부품 번호 - 1N4734A |
|
유사한 설명 - 1N4734A |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |