전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES1JL 데이터시트(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

부품명 ES1JL
상세설명  SURFACE MOUNT SUPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
홈페이지  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

ES1JL 데이터시트(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  ES1JL Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. ES1JL Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT SUPER FAST RECTIFIER
Reverse Voltage - 50 to 600 Volts
Forward Current - 1.0 Ampere
Case: JEDEC SOD-123FL molded plastic body over passivated chip
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.0007 ounce, 0.02 grams
Glass passivated device
Ideal for surface mouted applications
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
ES1BL
SYMBOLS
UNITS
Metallurgically bonded construction
High temperature soldering guaranteed:
250 C/10 seconds,0.375(9.5mm) lead length,
5 lbs. (2.3kg) tension
Low reverse leakage
100
70
100
400
280
400
150
105
150
600
420
600
VOLTS
VOLTS
VOLTS
Amp
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
1.0
25.0
1.25
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at1.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
IR
5.0
100.0
A
µ
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
ES1AL THRU ES1JL
ES1CL
ES1DL
ES1EL
ES1JL
E1B
E1C
E1D
E1E
E1J
E1G
ES1GL
Maximum reverse recovery time (NOTE 1)
Typical junction capacitance (NOTE 2)
CJ
pF
Operating junction and storage temperature range
Note:
R
θJA
TJ,TSTG
85
10
-55 to +150
C
Typical thermal resistance (NOTE 3)
°C/W
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
1.Measured with IF=0.5A, IR=1A, Irr=0.25A.
3.PCB mounted on 0.2*0.2" (5.0*5.0mm) coppeer pad area.
35
ns
50
35
50
E1A
ES1AL
trr
200
140
200
300
210
300
0.95
1.7
SOD-123FL
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
Dimensions in millimeters
MDD Catalog Number
at Ta=65°C


유사한 부품 번호 - ES1JL

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
ES1JL TSC-ES1JL Datasheet
307Kb / 2P
   1.0 AMP. Surface Mount Super Fast Rectifiers
ES1JL TSC-ES1JL Datasheet
461Kb / 2P
   1.0 AMP. Surface Mount Super Fast Rectifiers
ES1JL TSC-ES1JL Datasheet
198Kb / 2P
   1.0AMP. Surface Mount Super Fast Rectifiers
logo
Rugao Dachang Electroni...
ES1JL DACHANG-ES1JL Datasheet
131Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
logo
Taiwan Semiconductor Co...
ES1JL TSC-ES1JL Datasheet
380Kb / 4P
   Surface Mount Super Fast Rectifiers
More results

유사한 설명 - ES1JL

제조업체부품명데이터시트상세설명
logo
Diotech Company.
ES2BA DIOTECH-ES2BA Datasheet
729Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Changzhou Shunye Electr...
ES2A SY-ES2A Datasheet
234Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES1B DIOTECH-ES1B Datasheet
838Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER2A SMC-ER2A Datasheet
157Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER
ER5A SMC-ER5A Datasheet
160Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
List of Unclassifed Man...
ES1AF ETC2-ES1AF Datasheet
526Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES3AF ETC2-ES3AF Datasheet
975Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
RS1A-F SMC-RS1A-F Datasheet
221Kb / 6P
   SURFACE MOUNT SUPER FAST RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com