전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM4933 데이터시트(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

부품명 SM4933
상세설명  SURFACE MOUNT RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
홈페이지  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

SM4933 데이터시트(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  SM4933 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SM4933 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
◇ Glass passivated device
◇ Ideal for surface mounted applications
◇ Low leakage
◇ Low forward voltage drop
◇ High current capability
◇ Easily cleaned with Alcohol,Isopropnol
and similar solvents
◇ The plastic material carries U/L
recognition 94V-0
MECHANICAL DATA
◇ Case: JEDEC DO-213AB,molded plastic
◇ Terminals: Solderable per MIL- STD-202,
Method 208
◇ Polarity: Color band denotes cathode
◇ Weight: 0.0046 ounces, 0.116 grams
◇ Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ℃ ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate current by 20%.
SM4933 SM4934 SM4935 SM4936 SM4937
Maximum recurrent peak reverse voltage
VRRM
100
200
400
600
V
Maximum RMS voltage
VRMS
70
140
280
420
V
Maximum DC blocking voltage
VDC
100
200
400
600
V
Maximum average forward rectified current
@TA=55℃
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
Maximum instantaneous forward voltage
@1.0A
VF
V
Maximum reverse current
@TA=25℃
at rated DC blocking voltage @TA=125℃
Maximum reverse recovery time (Note1)
trr
ns
Typical junction capacitance (Note2)
Cj
pF
Maximum thermal resistance (Note3)
R θJL
℃/W
Maximum thermal resistance (Note4)
R θJA
℃/W
Operating junction temperature range
Tj
Storage temperature range
TSTG
NOTE: 1. Test conditions:IF=1.0A,VR=30V.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Thermal resistance junction to terminal 6.0mm
2 copper pads to each terminal.
4. Thermal resistance junction to ambient 6.0mm
2 copper pads to each terminal.
UNITS
30
75
35
A
-55 --- + 150
-55 --- + 150
200
15
IR
5.0
IFSM
A
µA
100
I(AV)
1.0
1.2
SURFACE MOUNT RECTIFIERS
30
50
50
VOLTAGE RANGE: 50 --- 600 V CURRENT: 1.0 A
SOLDERABLE ENDS
D2
D2=D1
+0
-0.20
0.5± 0.1
0.5± 0.1
4.9± 0.2
DO-213AB
Dimensions in millimeters
SM4933 THRU SM4937
MDD Catalog Number


유사한 부품 번호 - SM4933

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
SM4933 RECTRON-SM4933 Datasheet
29Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere)
logo
Shenzhen Luguang Electr...
SM4933 LUGUANG-SM4933 Datasheet
185Kb / 2P
   Surface Mount Rectifiers
logo
Bytes
SM4933 BYTES-SM4933 Datasheet
159Kb / 2P
   1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SUNMATE electronic Co.,...
SM4933 SUNMATE-SM4933 Datasheet
229Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
Dc Components
SM4933 DCCOM-SM4933 Datasheet
474Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

유사한 설명 - SM4933

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com