전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AAT2430B 데이터시트(PDF) 1 Page - Skyworks Solutions Inc.

부품명 AAT2430B
상세설명  16 Channel White LED Driver Solution with LED Current and Timing Control
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT2430B 데이터시트(HTML) 1 Page - Skyworks Solutions Inc.

  AAT2430B Datasheet HTML 1Page - Skyworks Solutions Inc. AAT2430B Datasheet HTML 2Page - Skyworks Solutions Inc. AAT2430B Datasheet HTML 3Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AAT2430B
PRODUCT SUMMARY
16 Channel White LED Driver Solution with LED Current and Timing Control
1
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201968A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 18, 2012
General Description
The AAT2430B is a highly integrated, high efficiency white
LED backlight solution for large size LCD panels used in
LCD TVs. By controlling external power MOSFETs (such as
the Skyworks' AAT2491 high-voltage TrenchDMOS
array), the AAT2430B facilitates 16 current sink channels
to provide precision constant-current drive for strings of
white LEDs, where the number of series-connected LEDs
per string is only limited by the system LED voltage sup-
ply. Current in each backlight string and string-to-string
matching is controlled using I-Precise™ sensing and con-
trol circuitry, a novel on-chip method to accurately control
drain current in external discrete power MOSFETs inde-
pendent of their construction and without the need for
precision sense resistors.
A 15MHz SPI compatible interface allows fast, indepen-
dent digital control of each current sink. Full scale LED
current is programmed using an external resistor. DOT
correction may be applied globally to all sink channels
with 8-bit resolution. Both phase delay and grayscale
clock (GS Clock) PWM on-time are user programmable
with 12-bit resolution for each current sink channel.
Timing and synchronization are determined by exter-
nally applied VSYNC and GS Clock signals.
The AAT2430B provides latched fault handling and fault
reporting through the SPI interface and fault flag output
pin. The fault detection system reports open or short cir-
cuit LED strings and over-temperature events. The short
circuit LED detection threshold is user programmable.
The LED string supply voltage may be regulated by using
the voltage or current mode current sense feedback sig-
nal to the LED voltage regulator. This analog signal rep-
resents the highest VF string of LEDs. Thermal protection
circuitry shuts down the device in the event of an over-
temperature condition.
The AAT2430B is available in the Pb-free, thermally
enhanced 64-pin 9mm x 9mm QFN and 64-pin 14mm x
14mm LQFP packages.
Features
• V
IN Range: 10.8V – 28V
• 16 Programmable LED Current Sinks
±1.5% Accuracy @ RSET = 3.01kΩ
±1.5% Matching @ RSET = 3.01kΩ
• SPI Interface
Digitally Programmable Individual Channels
Up to 15MHz Clock Speed
Read/Write Registers
• High Resolution Digital Control for Individual
Channels
12-bit Resolution Grayscale PWM Brightness
12-bit Resolution Channel Phase Delay
 8-Bit Resolution Global Current Setting
(Dot Correction)
• VSYNC PWM and Delay Synchronization
• Device Addressing
4 Possible Address Settings
Up to 64 Current Sinks
• Integrated Fault Protection
Open Circuit LED(s)
Programmable Short LED Threshold
Over-Temperature Protection
• 9mm x 9mm 64-pin QFN Package with 0.5mm pitch
or 14mm x 14mm 64-pin Low Profile QFP Package
with 0.8mm pitch
Applications
• Large Size LCD TVs, Panels
• White LED Backlight, Dynamic Edge LCD TV Backlight


유사한 부품 번호 - AAT2430B

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
AAT2430C SKYWORKS-AAT2430C Datasheet
248Kb / 3P
   16 Channel White LED Driver Solution with LED Current and Timing Control
AAT2430CIDX-T1 SKYWORKS-AAT2430CIDX-T1 Datasheet
248Kb / 3P
   16 Channel White LED Driver Solution with LED Current and Timing Control
AAT2430CISX-T1 SKYWORKS-AAT2430CISX-T1 Datasheet
248Kb / 3P
   16 Channel White LED Driver Solution with LED Current and Timing Control
More results

유사한 설명 - AAT2430B

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
AAT2430C SKYWORKS-AAT2430C Datasheet
248Kb / 3P
   16 Channel White LED Driver Solution with LED Current and Timing Control
AAT2400 SKYWORKS-AAT2400 Datasheet
2Mb / 32P
   Sixteen-Channel White LED Driver Solution
logo
STMicroelectronics
LED1642GW STMICROELECTRONICS-LED1642GW Datasheet
2Mb / 42P
   16 channel LED driver with error detection current gain control
November 2015 Rev 6
logo
Kinetic Technologies.
KTD2026 KINETIC-KTD2026 Datasheet
749Kb / 21P
   Constant Current RGB/White LED Driver with I2C Control
April 2020 - Revision 04h
logo
List of Unclassifed Man...
T6326A ETC2-T6326A Datasheet
34Kb / 6P
   Low-Dropout, Constant-Current White LED with Channel Control
logo
New Japan Radio
NJU6052 NJRC-NJU6052 Datasheet
209Kb / 23P
   White LED Driver with Automatic Dimming Control
NJU6051 NJRC-NJU6051 Datasheet
192Kb / 20P
   White LED Driver with Automatic Dimming Control
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com