전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2738XSD 데이터시트(PDF) 5 Page - Texas Instruments

부품명 LM2738XSD
상세설명  1.5A Step-Down DC-DC Switching Regulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2738XSD 데이터시트(HTML) 5 Page - Texas Instruments

  LM2738XSD Datasheet HTML 1Page - Texas Instruments LM2738XSD Datasheet HTML 2Page - Texas Instruments LM2738XSD Datasheet HTML 3Page - Texas Instruments LM2738XSD Datasheet HTML 4Page - Texas Instruments LM2738XSD Datasheet HTML 5Page - Texas Instruments LM2738XSD Datasheet HTML 6Page - Texas Instruments LM2738XSD Datasheet HTML 7Page - Texas Instruments LM2738XSD Datasheet HTML 8Page - Texas Instruments LM2738XSD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
LM2738
www.ti.com
SNVS556C – APRIL 2008 – REVISED JANUARY 2016
Product Folder Links: LM2738
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and device Package Thermal Metrics
application report, SPRA953.
(2)
Typical thermal shutdown occurs if the junction temperature exceeds 165°C. The maximum power dissipation is a function of TJ(MAX) ,
RθJA and TA . The maximum allowable power dissipation at any ambient temperature is PD = (TJ(MAX) – TA) / RθJA. All numbers apply for
packages soldered directly onto a 3 inches × 3 inches PC board with 2 oz. copper on 4 layers in still air in accordance to JEDEC
standards. Thermal resistance varies greatly with layout, copper thickness, number of layers in PCB, power distribution, number of
thermal vias, board size, ambient temperature, and air flow.
6.4 Thermal Information
THERMAL METRIC(1)
LM2738
UNIT
NGQ (WSON)
DGN (MSOP
PowerPAD)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance (2)
45.9
50.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
44.6
54.2
°C/W
RθJB
Junction-to-board thermal resistance
13.2
31.4
°C/W
ψJT
Junction-to-top characterization parameter
0.5
4.8
°C/W
ψJB
Junction-to-board characterization parameter
13.2
31.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
5.8
4
°C/W
(1)
Ensured to average outgoing quality level (AOQL).
(2)
Typicals represent the most likely parametric norm.
6.5 Electrical Characteristics
All typical limits apply over TJ = 25°C, and all maximum and minimum limits apply over the full operating temperature range
(TJ = –40°C to +125°C). VIN = 12 V, VBOOST – VSW = 5 V unless otherwise specified. Data sheet minimum and maximum
specification limits are ensured by design, test, or statistical analysis.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VFB
Feedback voltage
0.784
0.800
0.816
V
ΔVFB/ΔVIN
Feedback voltage line regulation
VIN = 3 V to 20 V
0.02
%/V
IFB
Feedback input bias current
Sink or source
0.1
100
nA
UVLO
Undervoltage lockout
VIN Rising
2.7
2.9
V
Undervoltage lockout
VIN Falling
2
2.3
UVLO hysteresis
0.4
FSW
Switching frequency
LM2738X
1.28
1.6
1.92
MHz
LM2738Y
0.364
0.55
0.676
DMAX
Maximum duty cycle
LM2738X , Load = 150 mA
92%
LM2738Y, Load = 150 mA
95%
DMIN
Minimum duty cycle
LM2738X
7.5%
LM2738Y
2%
RDS(ON)
Switch ON resistance
VBOOST – VSW = 3 V, Load = 400 mA
250
500
m
ICL
Switch current limit
VBOOST – VSW = 3 V, VIN = 3 V
2
2.9
A
IQ
Quiescent current
Switching
1.9
3
mA
Non-Switching
1.9
mA
Quiescent current (shutdown)
VEN = 0 V
400
nA
IBOOST
Boost pin current
LM2738X (27% Duty Cycle)
4.5
mA
LM2738Y (27% Duty Cycle)
2.5
VEN_TH
Shutdown threshold voltage
VEN Falling
0.4
V
Enable threshold voltage
VEN Rising
1.4
IEN
Enable pin current
Sink / Source
10
nA
ISW
Switch leakage
VIN = 20 V
100
nA


유사한 부품 번호 - LM2738XSD

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2738XSD NSC-LM2738XSD Datasheet
605Kb / 28P
   550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
LM2738XSDX NSC-LM2738XSDX Datasheet
605Kb / 28P
   550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
More results

유사한 설명 - LM2738XSD

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2738 NSC-LM2738 Datasheet
605Kb / 28P
   550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
logo
Texas Instruments
LM2738 TI-LM2738_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM2738 550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
logo
Eutech Microelectronics...
EUP3291 EUTECH-EUP3291 Datasheet
736Kb / 1P
   1.5A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Texas Instruments
LM2833 TI1-LM2833 Datasheet
1Mb / 30P
[Old version datasheet]   Step-Down DC-DC Switching Regulator
logo
National Semiconductor ...
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
L5971 STMICROELECTRONICS-L5971 Datasheet
96Kb / 11P
   1.5A STEP DOWN SWITCHING REGULATOR
E-L4971 STMICROELECTRONICS-E-L4971 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
L4971 STMICROELECTRONICS-L4971_05 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com