전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74001E 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 74001E
상세설명  Industrial Ethernet Cables
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

74001E 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  74001E Datasheet HTML 1Page - List of Unclassifed Manufacturers 74001E Datasheet HTML 2Page - List of Unclassifed Manufacturers 74001E Datasheet HTML 3Page - List of Unclassifed Manufacturers 74001E Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Mechanical Data – Highly Flexible Application
Part Number
Part Number
Part Number
Part Number
Conductor
Conductor
Conductor
Conductor
Insulation
Insulation
Insulation
Insulation
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
Braid
Braid
Braid
Braid
Coverage
Coverage
Coverage
Coverage
Sheath
Sheath
Sheath
Sheath
Material
Material
Material
Material
Sh
Sh
Sh
Sheath
eath
eath
eath
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
Sheath
Sheath
Sheath
Sheath
Colour
Colour
Colour
Colour
74003PU
26AWG/19
1.00mm
>80%
PUR
6.65mm
Black
Standards
ISO/IEC 11801 2nd Edition
ISO/IEC 24702
EN 50173-1
TIA/EIA-568-B.2
Electrical Properties
Max Operating Voltage UL
450V A.C. / 300V D.C.
Velocity of Propagation @ 4 – 100 MHz
68%
Delay
< 5.34 ns / m
Impedance @ 1 – 100 MHz
100 +/- 15 Ohm
74001E / 74001NH / 74001PU (AWG24)
Frequency
Frequency
Frequency
Frequency
(MHz)
(MHz)
(MHz)
(MHz)
Insertion Loss
Insertion Loss
Insertion Loss
Insertion Loss
(Max)
(Max)
(Max)
(Max) (dB/100m)
(dB/100m)
(dB/100m)
(dB/100m)
NEXT
NEXT
NEXT
NEXT
(dB)
(dB)
(dB)
(dB)
ELFEXT
ELFEXT
ELFEXT
ELFEXT
(dB/100m)
(dB/100m)
(dB/100m)
(dB/100m)
RETU
RETU
RETU
RETURN
RN
RN
RN
LOSS
(dB)
LOSS
(dB)
LOSS
(dB)
LOSS
(dB)
1
2.0
65.3
63.8
20.0
4
4.1
56.3
51.7
23.0
10
6.5
50.3
43.8
25.0
16
8.2
47.2
39.7
25.0
20
9.3
45.8
37.7
25.0
25
10.4
44.3
35.8
24.3
31.25
11.7
42.9
33.9
23.6
62.5
17.0
38.3
27.8
21.5
100
22.0
35.3
23.8
20.1
Conductor (26AWG/19 – 19x0.1mm Stranded Tinned Cu)
Foil Shield – Laminated Aluminium / Polyester
Braid Shield – Tinned Copper
2 Twisted, Polypropylene Insulated Conductors
- Pair 1 = White / Blue
- Pair 2 = White / Orange
- Pair 3 = White / Green
- Pair 4 = White / Brown


유사한 부품 번호 - 74001E

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
74001E ETC2-74001E Datasheet
295Kb / 4P
   Industrial Ethernet Cables
logo
Belden Inc.
74001E BELDEN-74001E Datasheet
169Kb / 2P
   DataTuff® 5E, 4PR #24 Sol BC, PO ins, SF/UTP, PVC jkt, AWM 2464
2022 Belden, Inc
74001E.012000 BELDEN-74001E.012000 Datasheet
169Kb / 2P
   DataTuff® 5E, 4PR #24 Sol BC, PO ins, SF/UTP, PVC jkt, AWM 2464
2022 Belden, Inc
74001E.01305 BELDEN-74001E.01305 Datasheet
169Kb / 2P
   DataTuff® 5E, 4PR #24 Sol BC, PO ins, SF/UTP, PVC jkt, AWM 2464
2022 Belden, Inc
74001E.01500 BELDEN-74001E.01500 Datasheet
169Kb / 2P
   DataTuff® 5E, 4PR #24 Sol BC, PO ins, SF/UTP, PVC jkt, AWM 2464
2022 Belden, Inc
More results

유사한 설명 - 74001E

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
74003PU ETC2-74003PU Datasheet
295Kb / 4P
   Industrial Ethernet Cables
1319753 ETC2-1319753 Datasheet
280Kb / 4P
   Industrial Ethernet Cables
1319766 ETC2-1319766 Datasheet
286Kb / 4P
   Industrial Ethernet Cables
logo
Omron Electronics LLC
XS6 OMRON-XS6 Datasheet
2Mb / 12P
   Industrial Ethernet Cables
logo
Intel Corporation
XLDACBL1 INTEL-XLDACBL1 Datasheet
187Kb / 2P
   Intel짰 Ethernet QSFP Cables
logo
Weidmuller
IE-SW-BL08-6TX-2SC WEIDMULLER-IE-SW-BL08-6TX-2SC Datasheet
235Kb / 4P
   Industrial Ethernet
February 26, 2019
logo
List of Unclassifed Man...
30065 ETC2-30065 Datasheet
136Kb / 1P
   Industrial Data Solutions LonWorks Cables
logo
Advantech Co., Ltd.
708FX2 ADVANTECH-708FX2 Datasheet
549Kb / 3P
   Industrial Ethernet Switch
logo
List of Unclassifed Man...
HEST12M ETC2-HEST12M Datasheet
699Kb / 3P
   Industrial Ethernet Switch
logo
Omron Electronics LLC
XS5H-T421-BM0-K OMRON-XS5H-T421-BM0-K Datasheet
1Mb / 8P
   Industrial Ethernet Connectors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com