전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC10061CIWM 데이터시트(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 ADC10061CIWM
상세설명  10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10061CIWM 데이터시트(HTML) 10 Page - National Semiconductor (TI)

Back Button ADC10061CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC10061CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC10061CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC10061CIWM Datasheet HTML 9Page - National Semiconductor (TI) ADC10061CIWM Datasheet HTML 10Page - National Semiconductor (TI) ADC10061CIWM Datasheet HTML 11Page - National Semiconductor (TI) ADC10061CIWM Datasheet HTML 12Page - National Semiconductor (TI) ADC10061CIWM Datasheet HTML 13Page - National Semiconductor (TI) ADC10061CIWM Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Applications Information (Continued)
Mode 1
In this mode, the S/H pin controls the start of conversion. S/H
is pulled low for a minimum of 250 ns. This causes the com-
parators in the “coarse” flash converter to become active.
When S/H goes high, the result of the coarse conversion is
latched and the “fine” conversion begins. After 600 ns (typi-
cal), INT goes low, indicating that the conversion results are
latched and can be read by pulling RD low. Note that CS
must be low to enable S/H or RD. CS is internally “ANDed”
with S/H and RD; the input voltage is sampled when CS and
S/H are low, and data is read when CS and RD are low. INT
is reset high on the rising edge of RD.
TABLE 1. Input Multiplexer Programming
ADC10064 (a)
S
1
S
0
Channel
00
V
IN0
01
V
IN1
10
V
IN2
11
V
IN3
ADC10062 (b)
S
0
Channel
0V
IN0
1V
IN1
Mode 2
In Mode 2, also called “RD mode”, the S/H and RD pins are
tied together. A conversion is initiated by pulling both pins
low. The A/D converter samples the input voltage and
causes the coarse comparators to become active. An inter-
nal timer then terminates the coarse conversion and begins
the fine conversion. 850 ns (typical) after S/H and RD are
pull low, INT goes low, indicating that the conversion is com-
pleted. Approximately 20 ns later the data appearing on the
TRI-STATE output pins will be valid. Note that data will ap-
pear on these pins throughout the conversion, but until INT
goes low the data at the output pins will be the result of the
previous conversion.
2.0 REFERENCE CONSIDERATIONS
The ADC10061, ADC10062, and ADC10064 each have two
reference inputs. These inputs, V
REF+ and VREF−, are fully
differential and define the zero to full-scale range of the input
signal. The reference inputs can be connected to span the
entire supply voltage range (V
REF− = 0V, VREF+ = VCC) for
ratiometric applications, or they can be connected to differ-
ent voltages (as long as they are between ground and V
CC)
when other input spans are required. Reducing the overall
V
REF span to less than 5V increases the sensitivity of the
converter (e.g., if V
REF = 2V, then 1 LSB = 1.953 mV). Note,
however, that linearity and offset errors become larger when
lower reference voltages are used. See the Typical Perfor-
mance Curves for more information. For this reason, refer-
ence voltages less than 2V are not recommended.
In most applications, V
REF− will simply be connected to
ground, but it is often useful to have an input span that is off-
set from ground. This situation is easily accommodated by
the
reference
configuration
used
in
the ADC10061,
ADC10062, and ADC10064. V
REF− can be connected to a
voltage other than ground as long as the voltage source con-
nected to this pin is capable of sinking the converter’s refer-
ence current (12.5 mA Max @ V
REF = 5V). If VREF− is con-
nected to a voltage other than ground, bypass it with multiple
capacitors.
Since the resistance between the two reference inputs can
be as low as 400
Ω, the voltage source driving the reference
inputs should have low output impedance. Any noise on ei-
ther reference input is a potential cause of conversion errors,
so each of these pins must be supplied with a clean, low
noise voltage source. Each reference pin should be by-
passed with a 10 µF tantalum and a 0.1 µF ceramic.
3.0 THE ANALOG INPUT
The ADC10061, ADC10062, and ADC10064 sample the
analog input voltage once every conversion cycle. When this
happens, the input is briefly connected to an impedance ap-
proximately
equal
to
600
Ω in series with 35 pF.
Short-duration current spikes can therefore be observed at
the analog input during normal operation. These spikes are
normal and do not degrade the converter’s performance.
Large source impedances can slow the charging of the sam-
pling capacitors and degrade conversion accuracy. There-
fore, only signal sources with output impedances less than
500
Ω should be used if rated accuracy is to be achieved at
the minimum sample time (250 ns maximum). If the sam-
pling time is increased, the source impedance can be larger.
If a signal source has a high output impedance, its output
should be buffered with an operational amplifier. The opera-
tional amplifier’s output should be well-behaved when driving
a switched 35 pF/600
Ω load. Any ringing or voltage shifts at
the op amp’s output during the sampling period can result in
conversion errors.
Correct conversion results will be obtained for input voltages
greater than GND − 50 mV and less than V+ + 50 mV. Do not
allow the signal source to drive the analog input pin more
than 300 mV higher than AV
CC and DVCC, or more than
300 mV lower than GND. If an analog input pin is forced be-
yond these voltages, the current flowing through the pin
should be limited to 5 mA or less to avoid permanent dam-
age to the IC. The sum of all the overdrive currents into all
pins must be less than 20 mA. When the input signal is ex-
pected to extend more than 300 mV beyond the power sup-
ply limits, some sort of protection scheme should be used. A
simple network using diodes and resistors is shown in
Figure 4.
www.national.com
10


유사한 부품 번호 - ADC10061CIWM

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC10061CIWM NSC-ADC10061CIWM Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
More results

유사한 설명 - ADC10061CIWM

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10064 NSC-ADC10064 Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461_06 Datasheet
757Kb / 17P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_15 Datasheet
1Mb / 23P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10662 NSC-ADC10662 Datasheet
274Kb / 14P
   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10662 TI1-ADC10662_15 Datasheet
1,010Kb / 22P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10662 TI1-ADC10662_14 Datasheet
1,008Kb / 23P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664CIWMX TI1-ADC10664CIWMX Datasheet
974Kb / 22P
[Old version datasheet]   ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10061 TI1-ADC10061_14 Datasheet
1Mb / 23P
[Old version datasheet]   ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com