전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM3894CCYG120 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 AM3894CCYG120
상세설명  Sitara ARM Microprocessors
Download  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

AM3894CCYG120 데이터시트(HTML) 11 Page - Texas Instruments

Back Button AM3894CCYG120 Datasheet HTML 7Page - Texas Instruments AM3894CCYG120 Datasheet HTML 8Page - Texas Instruments AM3894CCYG120 Datasheet HTML 9Page - Texas Instruments AM3894CCYG120 Datasheet HTML 10Page - Texas Instruments AM3894CCYG120 Datasheet HTML 11Page - Texas Instruments AM3894CCYG120 Datasheet HTML 12Page - Texas Instruments AM3894CCYG120 Datasheet HTML 13Page - Texas Instruments AM3894CCYG120 Datasheet HTML 14Page - Texas Instruments AM3894CCYG120 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 313 page
background image
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
L4
Interconnect
Interrupt
Interrupt
Interrupt
Mailbox Module
ARM Cortex-A8
Media Controller
AM3894
AM3892
www.ti.com
SPRS681G – OCTOBER 2010 – REVISED MARCH 2015
3.3
Media Controller
The Media Controller has the responsibility of managing the HDVPSS module.
3.4
Inter-Processor Communication
This device is a multi-core device that requires software to efficiently manage and communicate between
the cores. The following are the main features that need to be implemented by such software:
1. Device management of the slave processors from the host processor.
2. Inter-processor communication between the cores for transfer and exchange of information between
them.
For implementing efficient inter-processor communication between the multiple cores on the device, the
following hardware features are provided:
Mailbox interrupts
Hardware spinlocks
Mailboxes provide a mechanism for one processor to write a value to a register and send an interrupt to
another processor. Spinlocks facilitate access to shared resources in the system.
3.4.1
Mailbox Module
The device Mailbox module facilitates communication between the ARM Cortex-A8 and the Media
Controller. It consists of twelve mailboxes, each supporting communication between two of the above
processors. The sender sends information to the receiver by writing a message to the mailbox registers.
Interrupt signaling is used to notify the receiver that a message has been queued or to notify the sender
about an overflow situation.
The Mailbox module supports the following features (see Figure 3-2):
12 mailboxes
Four-message FIFO depth for each message queue
32-bit message width
Message reception and queue-not-full notification using interrupts
Three interrupts (one to ARM Cortex-A8, two to Media Controller).
Figure 3-2. Mailbox Module Block Diagram
Copyright © 2010–2015, Texas Instruments Incorporated
Device Comparison
11
Submit Documentation Feedback
Product Folder Links: AM3894 AM3892


유사한 부품 번호 - AM3894CCYG120

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AM3894CCYG120 TI-AM3894CCYG120 Datasheet
1Mb / 308P
[Old version datasheet]   AM389x Sitara ARM Processors
More results

유사한 설명 - AM3894CCYG120

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AM3715CBP TI-AM3715CBP Datasheet
2Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
AM3715 TI1-AM3715_17 Datasheet
3Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
AM3703 TI1-AM3703 Datasheet
3Mb / 280P
[Old version datasheet]   AM3715, AM3703 Sitara ARM Microprocessors
AM3874 TI1-AM3874 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3517 TI1-AM3517_12 Datasheet
1Mb / 222P
[Old version datasheet]   ARM Microprocessors
AM3517 TI1-AM3517_14 Datasheet
1Mb / 223P
[Old version datasheet]   ARM Microprocessors
AM3874 TI1-AM3874_16 Datasheet
2Mb / 358P
[Old version datasheet]   Sitara ARM Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com