전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDA-25SF 데이터시트(PDF) 1 Page - Hirose Electric

부품명 FDA-25SF
상세설명  FD TYPE CONNECTOR FOR RIBBON CABLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HIROSE [Hirose Electric]
홈페이지  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FDA-25SF 데이터시트(HTML) 1 Page - Hirose Electric

  FDA-25SF Datasheet HTML 1Page - Hirose Electric FDA-25SF Datasheet HTML 2Page - Hirose Electric FDA-25SF Datasheet HTML 3Page - Hirose Electric FDA-25SF Datasheet HTML 4Page - Hirose Electric FDA-25SF Datasheet HTML 5Page - Hirose Electric FDA-25SF Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


유사한 부품 번호 - FDA-25SF

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
FDA STMICROELECTRONICS-FDA Datasheet
3Mb / 2P
   Automotive fully-digital
logo
Fairchild Semiconductor
FDA032N08 FAIRCHILD-FDA032N08 Datasheet
552Kb / 8P
   N-Channel PowerTrench짰 MOSFET 75V, 235A, 3.2m廓
logo
FutureWafer Tech Co.,Lt...
FDA036AST FUTUREWAFER-FDA036AST Datasheet
1Mb / 7P
   Latch Up High Current ESD Protection Device
FDA0531D FUTUREWAFER-FDA0531D Datasheet
1Mb / 7P
   2 Channel Ultra low capacitance ESD Protection
FDA0533D FUTUREWAFER-FDA0533D Datasheet
1Mb / 12P
   Extra Low Capacitance 2 Channel ESD Protection Device
More results

유사한 설명 - FDA-25SF

제조업체부품명데이터시트상세설명
logo
Hirose Electric
FDBD-25PF HIROSE-FDBD-25PF Datasheet
332Kb / 6P
   RIBBON-CABLE LOW-PROFILE FD CONNECTORS
HIF5B-20DA-2.54R HIROSE-HIF5B-20DA-2.54R Datasheet
247Kb / 6P
   Card Edge Type Ribbon Cable Connector
logo
Adam Technologies, Inc.
MR64-PE-34 ADAM-TECH-MR64-PE-34 Datasheet
88Kb / 1P
   RIBBON CABLE IDC TYPE
MR64-SE-34 ADAM-TECH-MR64-SE-34 Datasheet
77Kb / 1P
   RIBBON CABLE IDC TYPE
logo
Hirose Electric
HIF3BDE-10PD-2.54R-MC HIROSE-HIF3BDE-10PD-2.54R-MC Datasheet
131Kb / 3P
   HIF3B In-line Type Ribbon Cable Connector
HIF4-16D-3.18R HIROSE-HIF4-16D-3.18R Datasheet
728Kb / 7P
   Ribbon Cable Connector
logo
Molex Electronics Ltd.
90327-0304 MOLEX2-90327-0304 Datasheet
1Mb / 20P
   1.27mm IDT Connector System for Ribbon Cable Applications
11-20-0314 MOLEX11-11-20-0314 Datasheet
29Kb / 1P
   IDT - Manual Press For Ribbon Cable
logo
PHOENIX CONTACT
2519 PHOENIX-2519 Datasheet
207Kb / 3P
   VARIOFACE Professional for ribbon cable connectors
05/2009
logo
Hirose Electric
HIF3A-10D-2.54R HIROSE-HIF3A-10D-2.54R Datasheet
111Kb / 2P
   High Performance Ribbon Cable Connector
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com