전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS42VM32160E 데이터시트(PDF) 3 Page - Integrated Silicon Solution, Inc

부품명 IS42VM32160E
상세설명  Auto refresh and self refresh
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42VM32160E 데이터시트(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS42VM32160E Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42VM32160E Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42VM32160E Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42VM32160E Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42VM32160E Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42VM32160E Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42VM32160E Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42VM32160E Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42VM32160E Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
3
IS42/45SM/RM/VM32160E
Rev. B | Oct. 2014
www.issi.com - DRAM@issi.com
Table2: Pin Descriptions
Pin
Pin Name
Descriptions
CLK
System Clock
The system clock input. All other inputs are registered to the
SDRAM on the rising edge CLK.
CKE
Clock Enable
Controls internal clock signal and when deactivated, the SDRAM
will be one of the states among power down, suspend or self
refresh.
/CS
Chip Select
Enable or disable all inputs except CLK, CKE and DQM.
BA0~BA1
Bank Address
Selects bank to be activated during RAS activity.
Selects bank to be read/written during CAS activity.
A0~A12
Address
Row Address
: RA0~RA12
Column Address
: CA0~CA8
Auto Precharge
: A10
/RAS, /CAS, /WE
Row Address Strobe,
Column Address Strobe,
Write Enable
RAS, CAS and WE define the operation.
Refer function truth table for details.
DQM0~DQM3
Data Input/Output Mask
Controls output buffers in read mode and masks input data in
write mode.
DQ0~DQ31
Data Input/Output
Data input/output pin.
VDD/VSS
Power Supply/Ground
Power supply for internal circuits and input buffers.
VDDQ/VSSQ
Data Output Power/Ground
Power supply for output buffers.
NC
No Connection
No connection.


유사한 부품 번호 - IS42VM32160E

제조업체부품명데이터시트상세설명
logo
Integrated Silicon Solu...
IS42VM32160E-6BLI ISSI-IS42VM32160E-6BLI Datasheet
885Kb / 33P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32160E-75BLI ISSI-IS42VM32160E-75BLI Datasheet
885Kb / 33P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
More results

유사한 설명 - IS42VM32160E

제조업체부품명데이터시트상세설명
logo
Integrated Silicon Solu...
IS42RM16800F ISSI-IS42RM16800F Datasheet
465Kb / 27P
   Auto refresh and self refresh
IS42SM16200D ISSI-IS42SM16200D Datasheet
477Kb / 33P
   Auto refresh and self refresh
IS42VM16160K ISSI-IS42VM16160K Datasheet
865Kb / 34P
   Auto refresh and self refresh
IS42SM32100D ISSI-IS42SM32100D Datasheet
839Kb / 33P
   Auto refresh and self refresh
IS42SMVM32200M ISSI-IS42SMVM32200M Datasheet
852Kb / 33P
   Auto refresh and self refresh
logo
Alliance Semiconductor ...
16MX16-DDR1-AS4C16M16D1A ALSC-16MX16-DDR1-AS4C16M16D1A Datasheet
2Mb / 64P
   Auto Refresh and Self Refresh
AS4C128M16D2 ALSC-AS4C128M16D2 Datasheet
2Mb / 75P
   Auto Refresh and Self Refresh
logo
Integrated Silicon Solu...
IS43R16160 ISSI-IS43R16160 Datasheet
1Mb / 37P
   Auto refresh and Self refresh
IS42VM16800G ISSI-IS42VM16800G Datasheet
470Kb / 33P
   Auto refresh and self refresh
IS42SM16800F ISSI-IS42SM16800F Datasheet
253Kb / 27P
   Auto refresh and self refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com