전자부품 데이터시트 검색엔진 |
|
IC7-68PD-1.27DS-EJL 데이터시트(PDF) 5 Page - Hirose Electric |
|
IC7-68PD-1.27DS-EJL 데이터시트(HTML) 5 Page - Hirose Electric |
5 / 6 page A60 sSingle Slot Connector qLeft Eject Button qStandard type, Reverse type Standard IC7-68PD-1.27DS-EJL CL640-0403-5 Reverse IC7-68PDR-1.27DS-EJL CL640-0404-8 Contact Length Contact No. 5.00±0.1 3.50±0.1 4.25±0.1 1, 17, 34, 35, 51, 68 36, 67 Other than above Table 1 4 1 BPCB mounting pattern BExample of Screw Fastening (Recommendation) Note The contacts length is indicated in Table 1. The applicable range of indicated dimensions (54.2 , 3.5 ) are taken as 10mm from the bottom. The terminal for grounding should be securely fasted from the bottom surface of the board using a screw (M2∞0.4), flat washer and lock washer. Pay attention to the Contact No. since the reverse type is marked "R". See the numbers in parentheses ( ) for the Contact No. of the reverse type. The guide groove dimensions of the reverse type are left-right reversed. 1 2 3 4 5 +0.1 - 0.05 +0.1 - 0.05 |
유사한 부품 번호 - IC7-68PD-1.27DS-EJL |
|
유사한 설명 - IC7-68PD-1.27DS-EJL |