전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDC2112QDNTRQ1 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 FDC2112QDNTRQ1
상세설명  Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2112QDNTRQ1 데이터시트(HTML) 8 Page - Texas Instruments

Back Button FDC2112QDNTRQ1 Datasheet HTML 4Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 5Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 6Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 7Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 8Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 9Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 10Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 11Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
0
0.2
0.4
0.6
0.8
1
1.2
1.4
D007
VDD = 2.7 V
VDD = 3 V
VDD = 3.3 V
VDD = 3.6 V
VDD (V)
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
D008
-40°C
-20°C
0°C
25°C
50°C
85°C
100°C
125°C
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
25
30
35
40
45
50
55
60
D005
VDD = 2.7 V
VDD = 3 V
VDD = 3.3 V
VDD = 3.6 V
VDD (V)
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
25
30
35
40
45
50
55
60
65
D006
-40°C
-20°C
0°C
25°C
50°C
85°C
100°C
125°C
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
3.05
3.075
3.1
3.125
3.15
3.175
3.2
3.225
3.25
D003
VDD = 2.7 V
VDD = 3 V
VDD = 3.3 V
VDD = 3.6 V
VDD (V)
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
3.05
3.1
3.15
3.2
3.25
D004
-40°C
-20°C
0°C
25°C
50°C
85°C
100°C
125°C
8
FDC2112-Q1, FDC2114-Q1, FDC2212-Q1, FDC2214-Q1
SNOSCZ9 – MAY 2016
www.ti.com
Product Folder Links: FDC2112-Q1 FDC2114-Q1 FDC2212-Q1 FDC2214-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.8 Typical Characteristics
Common test conditions (unless specified otherwise): Sensor capacitor: 1 layer, 20.9 × 13.9 mm, Bourns CMH322522-180KL
sensor inductor with L = 18 µH and 33 pF 1% COG/NP0 Target: Grounded aluminum plate (176 × 123 mm), Channel =
Channel 0 (continuous mode) CLKIN = 40 MHz, CHx_FIN_SEL = b01, CHx_FREF_DIVIDER = b00 0000 0001
CH0_RCOUNT = 0xFFFF, SETTLECOUNT_CH0 = 0x0100, DRIVE_CURRENT_CH0 = 0x7800.
Includes 1.57-mA sensor current
–40°C to +125°C
Figure 2. Active Mode IDD vs. Temperature
Includes 1.57-mA sensor current
Figure 3. Active Mode IDD vs VDD
–40°C to +125°C
Figure 4. Sleep Mode IDD vs Temperature
Figure 5. Sleep Mode IDD vs VDD
–40°C to +125°C
Figure 6. Shutdown Mode IDD vs Temperature
Figure 7. Shutdown Mode IDD vs VDD


유사한 부품 번호 - FDC2112QDNTRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
FDC2112QDNTRQ1 TI1-FDC2112QDNTRQ1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
FDC2112QDNTRQ1 TI1-FDC2112QDNTRQ1 Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
More results

유사한 설명 - FDC2112QDNTRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
FDC2212 TI1-FDC2212 Datasheet
1Mb / 60P
[Old version datasheet]   Capacitance-to-Digital Converter for Proximity Level Sensing Applications
logo
Sanyo Semicon Device
LC717A00AR SANYO-LC717A00AR Datasheet
150Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
LC717A10AR SANYO-LC717A10AR Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
ON Semiconductor
ENA2162 ONSEMI-ENA2162 Datasheet
144Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
ENA2089A ONSEMI-ENA2089A Datasheet
146Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
logo
Sanyo Semicon Device
LC717A10AJ SANYO-LC717A10AJ Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
ON Semiconductor
LC717A00AJ ONSEMI-LC717A00AJ_17 Datasheet
146Kb / 13P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
October, 2017 ??Rev. 1
logo
Sanyo Semicon Device
LC717A00AJ SANYO-LC717A00AJ Datasheet
150Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
Quantum Research Group
QT300 QUANTUM-QT300_03 Datasheet
296Kb / 12P
   CAPACITANCE TO DIGITAL CONVERTER
QT300 QUANTUM-QT300 Datasheet
380Kb / 14P
   CAPACITANCE TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com