전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDC7200PW 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 TDC7200PW
상세설명  Time-to-Digital Converter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TDC7200PW 데이터시트(HTML) 5 Page - Texas Instruments

  TDC7200PW Datasheet HTML 1Page - Texas Instruments TDC7200PW Datasheet HTML 2Page - Texas Instruments TDC7200PW Datasheet HTML 3Page - Texas Instruments TDC7200PW Datasheet HTML 4Page - Texas Instruments TDC7200PW Datasheet HTML 5Page - Texas Instruments TDC7200PW Datasheet HTML 6Page - Texas Instruments TDC7200PW Datasheet HTML 7Page - Texas Instruments TDC7200PW Datasheet HTML 8Page - Texas Instruments TDC7200PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
5
TDC7200
www.ti.com
SNAS647D – FEBRUARY 2015 – REVISED MARCH 2016
Product Folder Links: TDC7200
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(3)
All voltages are with respect to ground, unless otherwise specified.
7 Specifications
7.1 Absolute Maximum Ratings
TA = 25°C , VDD = 3.3V, GND = 0V (unless otherwise noted).
(1) (2) (3)
MIN
MAX
UNIT
VDD
Supply voltage
–0.3
3.9
V
VI
Terminal input voltage
–0.3
VDD+0.3
V
VDIFF_IN
|Voltage differential| between any two input terminals
3.9
V
VIN_GND_V
DD
|Voltage differential| between any input terminal and GND or VDD
3.9
V
II
Input current at any pin
–5
5
mA
TA
Ambient temperature
-40
125
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±250
(1)
Specified by design.
7.3 Recommended Operating Conditions
TA = 25°C , VDD = 3.3V, GND = 0V (unless otherwise noted).
MIN
NOM
MAX
UNIT
VDD
Supply voltage
2
3.6
V
VI
Terminal voltage
0
VDD
V
VIH
Voltage input high
0.7 × VDD
3.6
V
VIL
Voltage input low
0
0.3 × VDD
V
FCALIB_CLK
Frequency (Reference/Calibration Clock)
1 (1)
8
16
MHz
DUTYCLOCK
Input clock duty cycle
50%
TIMING REQUIREMENTS: Measurement Mode 1 (1)
T1STARTSTOP_Min
Minimum Time between Start and Stop Signal
12
ns
T1STOPSTOP_Min
Minimum Time between 2 Stop Signals
67
ns
T1STARTSTOP_Max
Maximum time bet. Start and Stop Signal
500
ns
T1STOPSTOP_Max
Maximum time bet. Start and last Stop Signal
500
ns
TIMING REQUIREMENTS: Measurement 2 (1)
T2STARTSTOP_Min
Minimum Time between Start and Stop Signal
2×tCLOCK
s
T2STOPSTOP_Min
Minimum Time between 2 Stop Signals
2×tCLOCK
s
T2STARTSTOP_Max
Maximum time bet. Start and Stop Signal
(216-2)×tCLOCK
s
T2STOPSTOP_Max
Maximum. time bet. Start and last Stop Signal
(216-2)×tCLOCK
s
TIMING REQUIREMENTS: ENABLE INPUT
TREN
Rise Time for Enable Signal (20%-80%)
1 to 100
ns
TFEN
Fall Time for Enable Signal (20%-80%)
1 to 100
ns


유사한 부품 번호 - TDC7200PW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TDC7200EVM TI1-TDC7200EVM Datasheet
13Mb / 24P
[Old version datasheet]   TDC7200EVM User?셲 Guide
TDC7200 TI-TDC7200_15 Datasheet
1Mb / 50P
[Old version datasheet]   TDC7200 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR,Magnetostrictive and Flow Meters
More results

유사한 설명 - TDC7200PW

제조업체부품명데이터시트상세설명
logo
Keysight Technologies
U1050A KEYSIGHT-U1050A Datasheet
1Mb / 6P
   Acqiris Time-to-Digital Converter
logo
Roithner LaserTechnik G...
TTM8000 ROITHNER-TTM8000 Datasheet
363Kb / 2P
   8 Channel Time to Digital Converter
logo
Keysight Technologies
U1051A KEYSIGHT-U1051A Datasheet
726Kb / 6P
   Acqiris TC890 Time-to-Digital Converter
logo
Maxim Integrated Produc...
MAX35102 MAXIM-MAX35102 Datasheet
999Kb / 37P
   Time-to-Digital Converter Without RTC
19-7442; Rev 0; 11/14
logo
ams AG
TDC-GPX2 AMSCO-TDC-GPX2 Datasheet
1Mb / 77P
   4-Channel Time-to-Digital Converter
logo
Sciosense B.V.
AS6500 SCIOSENSE-AS6500 Datasheet
344Kb / 3P
   AS6500 – 4-channel Time-to-Digital Converter
logo
Maxim Integrated Produc...
MAX35101 MAXIM-MAX35101 Datasheet
1Mb / 66P
   Time-to-Digital Converter with Analog Front-End
19-6830; Rev 1; 1/15
logo
Sciosense B.V.
TDC-GPX2 SCIOSENSE-TDC-GPX2 Datasheet
344Kb / 3P
   TDC-GPX2 – 4-channel Time-to-Digital Converter
logo
ams AG
TDC-GPX AMSCO-TDC-GPX Datasheet
1Mb / 54P
   Ultra-high Performance 8 Channel Time- to-Digital Converter
logo
List of Unclassifed Man...
MQT200F ETC1-MQT200F Datasheet
309Kb / 5P
   Charge-to-Time Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com