전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1953A 데이터시트(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1953A
상세설명  SAW Filter 806 MHz Band 20 Rx SMD 1.4X1.1 mm
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1953A 데이터시트(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1953A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1953A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1953A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1953A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1953A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1953A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1953A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1953A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TA1953A Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Description: SAW Filter 806 MHz Band 20 Rx SMD 1.4X1.1 mm (BW=30 MHz)
TST Part No.: TA1953A
Customer Part No.:
Checked by:
Hayley Chou
Approved by:
Andy Yu
Date:
2015/12/28
1. Customer signed back is required before TST can proceed with sample build and receive orders.
2. Orders received without customer signed back will be regarded as agreement on the specifications.
3. Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes.
Customer signature required
Company:
Division:
Approved by :
Date:


유사한 부품 번호 - TA1953A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA1950A TAI-SAW-TA1950A Datasheet
373Kb / 11P
   SAW Filter 1960 MHz Band 2 Rx SMD 1.1x0.9 mm
logo
Transko Electronics, In...
TA1950AM TRANSKO-TA1950AM Datasheet
428Kb / 4P
   WCDMA, RF-Tx SAW Filter
Revision 1: July 2011
TA1950CM1 TRANSKO-TA1950CM1 Datasheet
445Kb / 4P
   WCDMA, RF-Tx SAW Filter
Revision 0: March 2007
logo
TAI-SAW TECHNOLOGY CO.,...
TA1950D TAI-SAW-TA1950D Datasheet
967Kb / 8P
   SAW Rx Filter 1960MHz LTE Band 2 SMD 1109 (60MHz BW)
logo
Transko Electronics, In...
TA1950FM TRANSKO-TA1950FM Datasheet
387Kb / 4P
   Wireless, RF SAW Filter
Revision 0: October 2009
More results

유사한 설명 - TA1953A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA1655A TAI-SAW-TA1655A Datasheet
346Kb / 8P
   SAW Filter 806 MHz 30MHz BW SMD 1.4X1.1 mm
TA2475A TAI-SAW-TA2475A Datasheet
448Kb / 8P
   SAW Filter 773 MHz Band 28 Rx SMD 1.4x1.1 mm (30MHz BW)
TA2474A TAI-SAW-TA2474A Datasheet
448Kb / 8P
   SAW Filter 788 MHz Band 28 Rx SMD 1.4x1.1 mm (30MHz BW)
TA2326A TAI-SAW-TA2326A Datasheet
601Kb / 9P
   SAW Filter 2593 MHz Band 41 TRX SMD 1.4x1.1 mm
TA2326B TAI-SAW-TA2326B Datasheet
606Kb / 9P
   SAW Filter 2593 MHz Band 41 TRX SMD 1.4x1.1 mm (BW=194 MHz)
TA2326C TAI-SAW-TA2326C Datasheet
615Kb / 9P
   SAW Filter 2593 MHz Band 41 TRX SMD 1.4x1.1 mm (BW=194 MHz)
TA2326D TAI-SAW-TA2326D Datasheet
611Kb / 9P
   SAW Filter 2593 MHz Band 41 TRX SMD 1.4x1.1 mm (BW=194 MHz)
TA2412A TAI-SAW-TA2412A Datasheet
794Kb / 8P
   SAW Tx Filter 718 MHz Band 28 SMD 1.4x1.1 mm (30MHz BW)
TA1845DN1224 TAI-SAW-TA1845DN1224 Datasheet
470Kb / 9P
   SAW Filter 2140 MHz Band 1 Rx SMD 1.1x0.9 mm
TA1950A TAI-SAW-TA1950A Datasheet
373Kb / 11P
   SAW Filter 1960 MHz Band 2 Rx SMD 1.1x0.9 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com