전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC0180A 데이터시트(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TC0180A
상세설명  SAW Resonator 390 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0180A 데이터시트(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0180A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0180A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0180A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-01
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Approval Sheet For Product Specification
Issued Date:
Product Name: SAW Resonator 390MHz
TO-39
TST Parts No.: TC0180A
Customer Parts No.:
Company:
Division:
Approved by :
Date:
Checked by:
Jacky Huang
Approval by:
Vincent Lee
Date:
2002/7/12


유사한 부품 번호 - TC0180A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TC0181A TAI-SAW-TC0181A Datasheet
320Kb / 4P
   SAW Resonator 314.37 MHz
TC0182A TAI-SAW-TC0182A Datasheet
298Kb / 4P
   SAW Resonator 315.00 MHz SMD 3.8X3.8 mm
TC0182B TAI-SAW-TC0182B Datasheet
390Kb / 5P
   SAW Resonator 315.00 MHz
TC0183A TAI-SAW-TC0183A Datasheet
282Kb / 4P
   SAW Resonator 740.545 MHz SMD 3.8X3.8 mm
TC0184A TAI-SAW-TC0184A Datasheet
283Kb / 5P
   SAW Resonator 742.545 MHz SMD 3.8X3.8 mm
More results

유사한 설명 - TC0180A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TC0151A TAI-SAW-TC0151A Datasheet
278Kb / 3P
   SAW Resonator 390 MHz
TC0204A TAI-SAW-TC0204A Datasheet
352Kb / 4P
   SAW Resonator 390 MHz
TC0150A TAI-SAW-TC0150A Datasheet
336Kb / 4P
   SAW Resonator 390 MHz SMD5X5 mm
logo
Abracon Corporation
ASR390E ABRACON-ASR390E Datasheet
681Kb / 1P
   SMD ONE PORT 390 MHz SAW RESONATOR
logo
TAI-SAW TECHNOLOGY CO.,...
TC0251A TAI-SAW-TC0251A Datasheet
272Kb / 6P
   SAW Resonator 390 MHz SMD 3.8X3.8 mm
TE0109A TAI-SAW-TE0109A Datasheet
218Kb / 5P
   Dual SAW Resonator 390/315 MHz SMD 5.0X5.0 mm
logo
Murata Manufacturing Co...
RF3606D MURATA-RF3606D Datasheet
581Kb / 10P
   390 MHz SAW Filter
logo
RF Monolithics, Inc
RF3606D RFM-RF3606D Datasheet
581Kb / 10P
   390 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TE0115A TAI-SAW-TE0115A Datasheet
221Kb / 11P
   Dual SAW Filter 390 / 420 MHz
logo
RF Monolithics, Inc
RP1298 RFM-RP1298 Datasheet
149Kb / 2P
   423.22 MHz SAW Resonator
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com