전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STFG04-15 데이터시트(PDF) 1 Page - Anshan Suly Electronics

부품명 STFG04-15
상세설명  STFG04-15 adopts high reliable mesa structure diffusion craft, epoxy resin molded in a compact structure.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANSHAN [Anshan Suly Electronics]
홈페이지  http://www.hvdiode.com/
Logo ANSHAN - Anshan Suly Electronics

STFG04-15 데이터시트(HTML) 1 Page - Anshan Suly Electronics

  STFG04-15 Datasheet HTML 1Page - Anshan Suly Electronics STFG04-15 Datasheet HTML 2Page - Anshan Suly Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Anshan
Anshan
Anshan
Anshan
Suly
Suly
Suly
Suly
Electronics
Electronics
Electronics
Electronics
Co.,
Co.,
Co.,
Co.,
Ltd.
Ltd.
Ltd.
Ltd.
ANSHAN SULY ELECTRONICS CO., LTD.
Website: www.hvdiode.com
Tel: +86-412-8220288
Fax: +86-412-8223397
STFG04-15
STFG04-15
STFG04-15
STFG04-15
Product
Product
Product
Product
Data
Data
Data
Data
STFG04-15
STFG04-15
STFG04-15
STFG04-15
adopts high reliable mesa structure and diffusion craft, epoxy resin molded in a compact structure.
Maximum
Maximum
Maximum
Maximum
Ratings:
Ratings:
Ratings:
Ratings:
■Electrical
Electrical
Electrical
Electrical
Characteristics
Characteristics
Characteristics
Characteristics
(Ta=25
Ta=25
Ta=25
Ta=25
Unless
Unless
Unless
Unless
Otherwise
Otherwise
Otherwise
Otherwise
Specified
Specified
Specified
Specified
Dimensions(mm)
Dimensions(mm)
Dimensions(mm)
Dimensions(mm)
Item
Symbol
Unit
Conditions
Data
Repetitive Peak Reverse Voltage
VRRM
KV
Ta=25℃
IR=0.02μA
15.0
Peak Working Reverse Voltage
VRWM
KV
Ta=25℃
IR=0.02μA
18.0
Average Forward Current
IF(AV)
mA
50Hz Half-sine Wave , Resistance load
@Tbreak=50℃
350
Reverse Recovery Time
trr
nS
IF=2mA IR=4mA
IRR=1mA
100
Surge Forward Current
IFSM
A
0.01S @ Half-Sine wave
50Hz
30
Operating Ambient Temperature
Ta
-40~+150
Storage Temperature
T stg
-40~+125
Forward Peak Voltage
VFM
V
@ Ta=25℃
IF=0.02A
13.5
Peak Reverse Current
IRRM1
μA
@ Ta=25℃ VRM=VRRM
2.0max
IRRM2
μA
@ Ta=100℃ VRM=VRRM
2max
■ Features
Features
Features
Features
:
 Avalanche characteristic
 A variety of dimensions
 Epoxy resin vacuum packaging,
anti-corrosion in
the surface
 Operating Junction Temperature Tj:-40℃—+150℃
■ Applications:
Applications:
Applications:
Applications:
High frequency high voltage power rectifier
Voltage doubler circuit
High voltage power supply
High voltage testing equipment


유사한 부품 번호 - STFG04-15

제조업체부품명데이터시트상세설명
logo
PREMO CORPORATION S.L
STF PREMO-STF Datasheet
182Kb / 2P
   Three PhaseNeutral Filters For Solar Technology Applications
logo
Illinois Capacitor, Inc...
STF ILLINOISCAPACITOR-STF Datasheet
203Kb / 2P
   5mm Height ??Lead free leads
logo
PREMO CORPORATION S.L
STF-008HV PREMO-STF-008HV Datasheet
182Kb / 2P
   Three PhaseNeutral Filters For Solar Technology Applications
STF-016HV PREMO-STF-016HV Datasheet
182Kb / 2P
   Three PhaseNeutral Filters For Solar Technology Applications
STF-025HV PREMO-STF-025HV Datasheet
182Kb / 2P
   Three PhaseNeutral Filters For Solar Technology Applications
More results

유사한 설명 - STFG04-15

제조업체부품명데이터시트상세설명
logo
Anshan Suly Electronics
QLG5-400KV-2.5A ANSHAN-QLG5-400KV-2.5A Datasheet
165Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
QLG5-500KV-1.0A ANSHAN-QLG5-500KV-1.0A Datasheet
164Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
H.QL5-400KV-2.0A ANSHAN-H.QL5-400KV-2.0A Datasheet
201Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
H.QLG5-500KV-0.5A ANSHAN-H.QLG5-500KV-0.5A Datasheet
220Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
3QL5-500KV-0.1A ANSHAN-3QL5-500KV-0.1A Datasheet
163Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
3QL5-500KV-1.5A ANSHAN-3QL5-500KV-1.5A Datasheet
163Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
3QLG5-300KV-5.0A ANSHAN-3QLG5-300KV-5.0A Datasheet
164Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
3QLG5-400KV-2.0A ANSHAN-3QLG5-400KV-2.0A Datasheet
165Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
3QLG5-500KV-0.5A ANSHAN-3QLG5-500KV-0.5A Datasheet
165Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
3QLG5-500KV-1.0A ANSHAN-3QLG5-500KV-1.0A Datasheet
164Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com