전자부품 데이터시트 검색엔진 |
|
W.FL-2LP-04N1-A 데이터시트(PDF) 2 Page - Hirose Electric |
|
W.FL-2LP-04N1-A 데이터시트(HTML) 2 Page - Hirose Electric |
2 / 6 page 2 Note1:Cable type connector measurements. With SMA conversion adapters mated with W.FL plug at each end of the 100cm long ultra-fine coaxial cable. Note2:Board type connector measurements. Mounted on a 50 ohms glass epoxy board. Measurements were conducted with SMA conversion adapters attached. Note:V.S.W.R. Measurement System Note:Measured as shown on the block diagram below. Note:Test connection and measurement setup. sPlug Plugs can be ordered only terminated to the cable. 2.85 Network Analyzer Test Set Test Port Termination D.U.T Test Port Cable Ratings Nominal characteristic impedance Frequency range 50 ohms DC to 6GHz Operating temperature range Operating humidity -40ç to +90ç (Relative humidity 90% max.) -40ç to +70ç (Relative humidity 90% max.) sProduct Specifications sMaterials and Finishes 1. Contact resistance 2. Insulation resistance 3. Withstanding voltage 4. V.S.W.R.(Note) Center: 20m ohms max. Outside: 10m ohms max. 500M ohms min., 100V DC 200V AC / 1 minute 1.3 max. (Up to 3GHz) 1.35 max. (3 to 6GHz) Item Specification sMaterial/Finishes Plug Receptacle Shell Insulator Socket center contact Shell Insulator Pin center contact Phosphor bronze PBT Phosphor bronze Phosphor bronze LCP Brass Silver plated Black, UL94V-0 Gold plated Silver plated Black, UL94V-0 Gold plated Part Component Material Finish/Remarks |
유사한 부품 번호 - W.FL-2LP-04N1-A |
|
유사한 설명 - W.FL-2LP-04N1-A |