전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD54HC4053F3A 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 CD54HC4053F3A
상세설명  High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CD54HC4053F3A 데이터시트(HTML) 9 Page - Texas Instruments

Back Button CD54HC4053F3A Datasheet HTML 5Page - Texas Instruments CD54HC4053F3A Datasheet HTML 6Page - Texas Instruments CD54HC4053F3A Datasheet HTML 7Page - Texas Instruments CD54HC4053F3A Datasheet HTML 8Page - Texas Instruments CD54HC4053F3A Datasheet HTML 9Page - Texas Instruments CD54HC4053F3A Datasheet HTML 10Page - Texas Instruments CD54HC4053F3A Datasheet HTML 11Page - Texas Instruments CD54HC4053F3A Datasheet HTML 12Page - Texas Instruments CD54HC4053F3A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
CD54HC4051, CD74HC4051
CD54HCT4051, CD74HCT4051, CD54HC4052, CD74HC4052, CD54HCT4052
CD74HCT4052, CD54HC4053, CD74HC4053, CD54HCT4053, CD74HCT4053
www.ti.com
SCHS122K – NOVEMBER 1997 – REVISED SEPTEMBER 2015
Electrical Characteristics: HC Devices (continued)
TEST CONDITIONS
PARAMETERS
MIN
TYP
MAX
UNIT
VIS
VI
VEE
VCC
TA
(V)
(V)
(V)
(V)
25°C
±0.1
–40°C to
1 and 2
±1
0
6
85°C
channels
–55°C to
±1
125°C
25°C
±0.1
–40°C to
±1
4053
–5
5
85°C
–55°C to
±1
125°C
25°C
±0.1
For switch OFF:
–40°C to
±1
When VIS = VCC,
4 channels
0
6
85°C
VOS = VEE;
–55°C to
Switch
When VIS = VEE,
±1
VIL
125°C
ON/OFF
VOS = VCC,
IIZ
or
µA
leakage
For switch ON:
25°C
±0.2
VIH
current
All applicable
–40°C to
combinations of
±2
4052
–5
5
85°C
VIS and VOS
voltage levels
–55°C to
±2
125°C
25°C
±0.2
–40°C to
±2
8 channels
0
6
85°C
–55°C to
±2
125°C
25°C
±0.4
–40°C to
±4
4051
–5
5
85°C
–55°C to
±4
125°C
25°C
±0.1
VCC
–40°C to
±1
IIL
Control input leakage current
or
0
6
85°C
µA
GND
–55°C to
±1
125°C
25°C
8
–40°C to
When VIS = VEE,
80
0
6
85°C
VOS = VCC
–55°C to
160
Quiescent
VCC
125°C
ICC
device
IO = 0
or
µA
25°C
16
current
GND
–40°C to
When VIS = VCC,
160
–5
5
85°C
VOS = VEE
–55°C to
320
125°C
Copyright © 1997–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: CD54HC4051 CD74HC4051 CD54HCT4051 CD74HCT4051 CD54HC4052 CD74HC4052
CD54HCT4052 CD74HCT4052 CD54HC4053 CD74HC4053 CD54HCT4053 CD74HCT4053


유사한 부품 번호 - CD54HC4053F3A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD54HC4053F3A TI-CD54HC4053F3A Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4053F3A TI-CD54HC4053F3A Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4053F3A TI-CD54HC4053F3A Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4053F3A TI-CD54HC4053F3A Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4053F3A TI-CD54HC4053F3A Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
More results

유사한 설명 - CD54HC4053F3A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_V01 Datasheet
1Mb / 49P
[Old version datasheet]   CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
REVISED MAY 2019
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351 Datasheet
319Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com