전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST05N20 데이터시트(PDF) 3 Page - Stanson Technology

부품명 ST05N20
상세설명  SOT-223 package design
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STANSON [Stanson Technology]
홈페이지  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST05N20 데이터시트(HTML) 3 Page - Stanson Technology

  ST05N20 Datasheet HTML 1Page - Stanson Technology ST05N20 Datasheet HTML 2Page - Stanson Technology ST05N20 Datasheet HTML 3Page - Stanson Technology ST05N20 Datasheet HTML 4Page - Stanson Technology ST05N20 Datasheet HTML 5Page - Stanson Technology ST05N20 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ST05N20
N Channel Enhancement Mode MOSFET
2.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2008, Stanson Corp.
ST05N20 2014. V1
ELECTRICAL CHARACTERISTICS ( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Static
Drain-Source
Breakdown Voltage
V(BR)DSS
VGS=0V,ID=250uA
200
V
Gate Threshold
Voltage
VGS(th)
VDS=VGS,ID=250uA
3
4
5
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±30V
±100
nA
Zero Gate Voltage
Drain Current
IDSS
VDS=160V,VGS=0V
1
uA
Drain-source On-
Resistance
RDS(on)
VGS=10V,ID=12A
750
800
Forward
Transconductance
gfs
VDS=10V,ID=2A
3.6
S
Diode Forward Voltage
VSD
IS=1A,VGS=0V
1
V
Dynamic
Total Gate Charge
Qg
VDS=160V,VGS=10V
ID=1 A
9
nC
Gate-Source Charge
Qgs
4
Gate-Drain Charge
Qgd
2
Input Capacitance
Ciss
VDS =25V,VGS=0V
f=1MHz
260
500
pF
Output Capacitance
Coss
160
300
Reverse
TransferCapacitance
Crss
55
110
Turn-On Time
td(on)
tr
VDS=100
VGEN=10V, ID=1A
RG=25Ω
10
20
nS
35
70
Turn-Off Time
td(off)
tf
10
20
28
56


유사한 부품 번호 - ST05N20

제조업체부품명데이터시트상세설명
logo
Honeywell Solid State E...
ST050BG1SPGF HONEYWELL-ST050BG1SPGF Datasheet
220Kb / 4P
   Amplified output whicheliminates the cost of external amplifiers
ST050PG1SPGF HONEYWELL-ST050PG1SPGF Datasheet
220Kb / 4P
   Amplified output whicheliminates the cost of external amplifiers
ST050PG1SPGF HONEYWELL-ST050PG1SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST050PG1SPGF HONEYWELL-ST050PG1SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
logo
STMicroelectronics
ST05250 STMICROELECTRONICS-ST05250 Datasheet
599Kb / 17P
   250 W, 28/32 V, HF to 1 GHz, RF Power LDMOS transistor
March 2021 Rev 4
More results

유사한 설명 - ST05N20

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
MA04A NSC-MA04A Datasheet
53Kb / 1P
   MOLDED PACKAGE SOT-223
logo
Nanjing International G...
BCP51 DGNJDZ-BCP51 Datasheet
747Kb / 2P
   SOT-223 Package Outline Dimensions
logo
Stanson Technology
ST2341SRG STANSON-ST2341SRG Datasheet
603Kb / 7P
   SOT-23 package design
ST03N20 STANSON-ST03N20 Datasheet
559Kb / 6P
   SOT-89 package design
ST2309ES STANSON-ST2309ES Datasheet
867Kb / 8P
   SOT-23 package design
logo
Continental Device Indi...
SOT-223 CDIL-SOT-223 Datasheet
145Kb / 4P
   SOT-223 (4 Leads) SMD Plastic Package
logo
Motorola, Inc
PZT2222AT1 MOTOROLA-PZT2222AT1 Datasheet
136Kb / 6P
   SOT-223 PACKAGE NPN SILICON TRANSISTOR SURFACE MOUNT
logo
Foshan Blue Rocket Elec...
LD1117S FOSHAN-LD1117S Datasheet
849Kb / 8P
   voltage Regulator in a SOT-223 Plastic Package
logo
Motorola, Inc
PZT2907AT1 MOTOROLA-PZT2907AT1 Datasheet
139Kb / 6P
   SOT-223 PACKAGE PNP SILICON TRANSISTOR SURFACE MOUNT
BSP16T1 MOTOROLA-BSP16T1 Datasheet
109Kb / 6P
   SOT-223 PACKAGE PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com