전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS431BCT-B0G 데이터시트(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

부품명 TS431BCT-B0G
상세설명  2.495V Programmable Shunt Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431BCT-B0G 데이터시트(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS431BCT-B0G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS431BCT-B0G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS431BCT-B0G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS431BCT-B0G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS431BCT-B0G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431BCT-B0G Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431BCT-B0G Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS431BCT-B0G Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS431BCT-B0G Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TS431
Taiwan Semiconductor
Document Number: DS_P0000235
4
Version: H15
ADDITIONAL INFORMATION – STABILITY
When The TS431/431A/431B is used as a shunt regulator, there are two options for selection of CL, are recommended for
optional stability:
A)
No load capacitance across the device, decouple at the load.
B)
Large capacitance across the device, optional decoupling at the load.
The reason for this is that TS431/431A/431B exhibits instability with capacitances in the range of 10nF to 1uF (approx.) at light
cathode current up to 3mA (typ). The device is less stable the lower the cathode voltage has been set for. Therefore while the
device will be perfectly stable operating at a cathode current of 10mA (approx.) with a 0.1uF capacitor across it, it will oscillate
transiently during start up as the cathode current passes through the instability region. Select a very low capacitance, or
alternatively a high capacitance (10uF) will avoid this issue altogether. Since the user will probably wish to have local
decoupling at the load anyway, the most cost effective method is to use no capacitance at all directly across the device. PCB
trace/via resistance and inductance prevent the local load decoupling from causing the oscillation during the transient start up
phase.
Note: if the TS431/431A/431B is located right at the load, so the load decoupling capacitor is directly across it, then this
capacitor will have to be ≤1nF or ≥10uF.
APPLICATIONS EXAMPLES
Figure 1. Voltage Monitor
Figure 2. Output Control for Three Terminal Fixed
Regulator


유사한 부품 번호 - TS431BCT-B0G

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS431BCT TSC-TS431BCT Datasheet
216Kb / 8P
   Adjustable Precision Shunt Regulator
TS431BCTA3 TSC-TS431BCTA3 Datasheet
466Kb / 13P
   Adjustable Precision Shunt Regulator
TS431BCTA3G TSC-TS431BCTA3G Datasheet
466Kb / 13P
   Adjustable Precision Shunt Regulator
TS431BCTB0 TSC-TS431BCTB0 Datasheet
466Kb / 13P
   Adjustable Precision Shunt Regulator
TS431BCTB0G TSC-TS431BCTB0G Datasheet
466Kb / 13P
   Adjustable Precision Shunt Regulator
More results

유사한 설명 - TS431BCT-B0G

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS431XRIX-Z TSC-TS431XRIX-Z Datasheet
449Kb / 7P
   2.495V Programmable Shunt Voltage Reference
logo
STMicroelectronics
TS2431 STMICROELECTRONICS-TS2431 Datasheet
278Kb / 6P
   PROGRAMMABLE SHUNT VOLTAGE REFERENCE
TLVH431 STMICROELECTRONICS-TLVH431 Datasheet
823Kb / 15P
   Programmable shunt voltage reference
November 2015 Rev 5
TS3431 STMICROELECTRONICS-TS3431_07 Datasheet
145Kb / 10P
   1.24V programmable shunt voltage reference
TS3431 STMICROELECTRONICS-TS3431 Datasheet
333Kb / 11P
   1.24V Programmable Shunt Voltage Reference
logo
Semtech Corporation
SC4041 SEMTECH-SC4041 Datasheet
139Kb / 6P
   PRECISION SHUNT VOLTAGE REFERENCE
logo
Analog Microelectronics
AME40 AME-AME40_1 Datasheet
181Kb / 14P
   Shunt Bandgap Voltage Reference
logo
Advanced Monolithic Sys...
AMS4041 ADMOS-AMS4041_1 Datasheet
61Kb / 6P
   MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4041 ADMOS-AMS4041 Datasheet
61Kb / 6P
   MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Analog Microelectronics
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
   Shunt Bandgap Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com