전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2080D1YZGR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA2080D1YZGR
상세설명  Constant Output Power Class-D Audio Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2080D1YZGR 데이터시트(HTML) 1 Page - Texas Instruments

  TPA2080D1YZGR Datasheet HTML 1Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 2Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 3Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 4Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 5Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 6Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 7Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 8Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPA2080D1
SLOS733B – JANUARY 2012 – REVISED APRIL 2016
TPA2080D1 2.2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost
Converter
1
1 Features
1
2.2 W into 4-
Ω Load from 3.6-V Supply
(1% THD+N)
Integrated Class-G Boost Converter
Increases Efficiency at Low Output Power
Low Quiescent Current of 3.5 mA from 3.6 V
Thermal and Short-Circuit Protection With Auto
Recovery
20-dB Fixed Gain
Available in 1.53-mm × 1.98-mm, 0.5-mm pitch
12-ball WCSP (DSBGA) Package
2 Applications
Cell Phones
PDA, GPS
Portable Electronics and Speakers
3 Description
The TPA2080D1 device is a high-efficiency Class-D
audio power amplifier with an integrated Class-G
boost converter that enhances efficiency at low output
power. It drives up to 2.2 W into an 4-
Ω speaker (1%
THD+N). With 85% typical efficiency, the TPA2080D1
helps extend battery life when playing audio.
The built-in boost converter generates a 5.75-V
supply voltage for the Class-D amplifier when high
output power is required. This provides a louder
audio output than a stand-alone amplifier directly
connected to the battery. During low audio output
power periods, the boost converter deactivates and
connects VBAT directly to the Class-D amplifier
supply, PVDD. This improves overall efficiency.
The TPA2080D1 has an integrated low-pass filter to
improve the RF rejection and reduce DAC out-of-
band
noise,
increasing
the
signal-to-noise
ratio
(SNR).
The TPA2080D1 is available in a space-saving
1.53-mm × 1.982-mm, 0.5-mm pitch WCSP package
(YZG).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPA2080D1
DSBGA (12)
1.53 mm × 1.98 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Application Diagram


유사한 부품 번호 - TPA2080D1YZGR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2080D1YZGR TI1-TPA2080D1YZGR Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
More results

유사한 설명 - TPA2080D1YZGR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2013D1 TI1-TPA2013D1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2025D1 TI1-TPA2025D1_14 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2015D1 TI1-TPA2015D1 Datasheet
1Mb / 33P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
logo
Anpec Electronics Corop...
APA2018 ANPEC-APA2018 Datasheet
276Kb / 19P
   3.6W Constant Output Power Class-D Audio Amplifier
logo
Texas Instruments
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
logo
ON Semiconductor
NCP2830 ONSEMI-NCP2830 Datasheet
314Kb / 15P
   1W Constant Filterless Class-D Audio Amplifier
August, 2009 ??Rev. 0
logo
Texas Instruments
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com