전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3245D2DDVR 데이터시트(PDF) 5 Page - Texas Instruments

부품명 TPA3245D2DDVR
상세설명  200W Mono PurePath Ultra-HD Analog-Input
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3245D2DDVR 데이터시트(HTML) 5 Page - Texas Instruments

  TPA3245D2DDVR Datasheet HTML 1Page - Texas Instruments TPA3245D2DDVR Datasheet HTML 2Page - Texas Instruments TPA3245D2DDVR Datasheet HTML 3Page - Texas Instruments TPA3245D2DDVR Datasheet HTML 4Page - Texas Instruments TPA3245D2DDVR Datasheet HTML 5Page - Texas Instruments TPA3245D2DDVR Datasheet HTML 6Page - Texas Instruments TPA3245D2DDVR Datasheet HTML 7Page - Texas Instruments TPA3245D2DDVR Datasheet HTML 8Page - Texas Instruments TPA3245D2DDVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
TPA3245
www.ti.com
SLASEC7 – APRIL 2016
Product Folder Links: TPA3245
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Overview (continued)
The audio signal path including gate drive and output stage is designed as identical, independent half-bridges.
For this reason, each half-bridge has separate bootstrap pins (BST_X). Power-stage supply pins (PVDD_X) and
gate drive supply pins (GVDD_X) are separate for each full bridge. Although supplied from the same 12-V
source, separating to GVDD_AB, GVDD_CD, and VDD on the printed-circuit board (PCB) by RC filters (see
application diagram for details) is recommended. These RC filters provide the recommended high-frequency
isolation. Special attention should be paid to placing all decoupling capacitors as close to their associated pins as
possible. In general, the physical loop with the power supply pins, decoupling capacitors and GND return path to
the device pins must be kept as short as possible and with as little area as possible to minimize induction (see
reference board documentation for additional information).
For a properly functioning bootstrap circuit, a small ceramic capacitor must be connected from each bootstrap pin
(BST_X) to the power-stage output pin (OUT_X). When the power-stage output is low, the bootstrap capacitor is
charged through an internal diode connected between the gate-drive power-supply pin (GVDD_X) and the
bootstrap pins. When the power-stage output is high, the bootstrap capacitor potential is shifted above the output
potential and thus provides a suitable voltage supply for the high-side gate driver. It is recommended to use 33-
nF ceramic capacitors, size 0603 or 0805, for the bootstrap supply. These 33nF capacitors ensure sufficient
energy storage, even during minimal PWM duty cycles, to keep the high-side power stage FET (LDMOS) fully
turned on during the remaining part of the PWM cycle.
Special attention should be paid to the power-stage power supply; this includes component selection, PCB
placement, and routing. As indicated, each full-bridge has independent power-stage supply pins (PVDD_X). For
optimal electrical performance, EMI compliance, and system reliability, it is important that each PVDD_X node is
decoupled with 1-
μF ceramic capacitor placed as close as possible to the supply pins. It is recommended to
follow the PCB layout of the TPA3245 reference design. For additional information on recommended power
supply and required components, see the application diagrams in this data sheet.
The 12-V supply should be from a low-noise, low-output-impedance voltage regulator. Likewise, the 36-V power-
stage supply is assumed to have low output impedance and low noise. The power-supply sequence is not critical
as facilitated by the internal power-on-reset circuit, but it is recommended to release RESET after the power
supply is settled for minimum turn on audible artefacts. Moreover, the TPA3245 is fully protected against
erroneous power-stage turn on due to parasitic gate charging. Thus, voltage-supply ramp rates (dV/dt) are non-
critical within the specified range.


유사한 부품 번호 - TPA3245D2DDVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3245 TI-TPA3245 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

유사한 설명 - TPA3245D2DDVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3255 TI1-TPA3255 Datasheet
467Kb / 29P
[Old version datasheet]   600W Mono PurePath Ultra-HD Analog-Input
TPA3251 TI1-TPA3251 Datasheet
1Mb / 39P
[Old version datasheet]   350W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TAS5611A TI-TAS5611A_15 Datasheet
1Mb / 28P
[Old version datasheet]   STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TPA3255 TI-TPA3255_V01 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3255 315-W Stereo, 600-W Mono PurePath??Ultra-HD Analog-Input
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613 TI-TAS5613 Datasheet
1Mb / 27P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630 TI-TAS5630 Datasheet
1Mb / 31P
[Old version datasheet]   300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI1-TAS5613A_16 Datasheet
2Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com