전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A23166 데이터시트(PDF) 11 Page - Texas Instruments

부품명 TS5A23166
상세설명  Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A23166 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TS5A23166_15 Datasheet HTML 7Page - Texas Instruments TS5A23166_15 Datasheet HTML 8Page - Texas Instruments TS5A23166_15 Datasheet HTML 9Page - Texas Instruments TS5A23166_15 Datasheet HTML 10Page - Texas Instruments TS5A23166_15 Datasheet HTML 11Page - Texas Instruments TS5A23166_15 Datasheet HTML 12Page - Texas Instruments TS5A23166_15 Datasheet HTML 13Page - Texas Instruments TS5A23166_15 Datasheet HTML 14Page - Texas Instruments TS5A23166_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
TS5A23166
www.ti.com
SCDS196H – MAY 2005 – REVISED MAY 2015
6.11 Switching Characteristics: 2.5-V Supply
V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25°C
2.5 V
2
6
10
VCOM = V+,
CL = 35 pF,
tON
Turnon time
ns
2.3 V to
RL = 50 Ω,
see Figure 15
Full
1
12
2.7 V
25°C
2.5 V
4.5
8
12.5
VCOM = V+,
CL = 35 pF,
tOFF
Turnoff time
ns
2.3 V to
RL = 50 Ω,
see Figure 15
Full
3
15
2.7 V
(1)
The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
6.12 Switching Characteristics: 1.8-V Supply
V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25°C
1.8 V
3
9
18
VCOM = V+,
CL = 35 pF,
tON
Turnon time
ns
1.65 V to
RL = 50 Ω,
see Figure 15
Full
1
20
1.95 V
25°C
1.8 V
5
10
15.5
VCOM = V+,
CL = 35 pF,
tOFF
Turnoff time
ns
1.65 V to
RL = 50 Ω,
see Figure 15
Full
4
18.5
1.95 V
(1)
The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TS5A23166


유사한 부품 번호 - TS5A23166_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
More results

유사한 설명 - TS5A23166_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A23167 TI1-TS5A23167_15 Datasheet
886Kb / 30P
[Old version datasheet]   DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
logo
Analog Devices
AD7513 AD-AD7513_15 Datasheet
625Kb / 2P
   DUAL SPST ANALOG SWITCH
logo
Texas Instruments
TS5A4595 TI1-TS5A4595_14 Datasheet
700Kb / 18P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE- CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595_1 Datasheet
152Kb / 13P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE-CHANNEL ANALOG SWITCH
TS5A23166 TI-TS5A23166 Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
logo
Intersil Corporation
HI-200883 INTERSIL-HI-200883 Datasheet
326Kb / 11P
   Dual SPST CMOS Analog Switch
logo
Texas Instruments
TS5A23167 TI-TS5A23167 Datasheet
346Kb / 25P
[Old version datasheet]   0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
logo
Texas Instruments
TS5A3166 TI1-TS5A3166_16 Datasheet
1Mb / 32P
[Old version datasheet]   SPST Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com