전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LF1005-S 데이터시트(PDF) 2 Page - LEM

부품명 LF1005-S
상세설명  Current Transducer LF 1005-S
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEM [LEM]
홈페이지  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LF1005-S 데이터시트(HTML) 2 Page - LEM

  LF1005-S Datasheet HTML 1Page - LEM LF1005-S Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Remarks
I
S is positive when IP flows in the direction of the arrow.
Temperature of the primary conductor should not exceed
100°C.
Dynamic performances (di/dt and response time) are best
with a single bar completely filling the primary hole.
This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...),
please contact us.
Mechanical characteristics
General tolerance
± 0.5 mm
Transducer fastening
Vertical position
2 holes
∅ 5.3 mm
2 M5 steel screws
Fastening torque, maxi
4 Nm or 2.52 Lb. - Ft.
or
4 holes
∅ 4.2 mm
4 M4 steel screws
Fastening torque, maxi
3.2 Nm or 2.02 Lb. - Ft.
or
4 holes
∅ 2.25 mm depth10mm
4 x PT KA30screws long 10 mm
Fastening torque, maxi
0.9 Nm or 0.57 Lb. - Ft.
Transducer fastening
Horizontal position
4 holes
∅ 5.3 mm
4 M5 steel screws
Fastening torque, maxi
4 Nm or 2.52 Lb. - Ft.
or
4 holes
∅ 2.25 mm depth16 mm
4 x PT KA30screws long 16 mm
Fastening torque, maxi
1 Nm or 0.63 Lb. - Ft.
Primary through-hole
40.5 x 40.5 mm
Connection of secondary
Molex 5045-03/AG
Dimensions LF 1005-S (in mm. 1 mm = 0.0394 inch)
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
Secondary terminals
Pin
+
: supply voltage + 15 .. 24 V
Pin
M
: measure
Pin
-
: supply voltage - 15 .. 24 V
Connection
Bottom view
Front view
Back view
Top view


유사한 부품 번호 - LF1005-S

제조업체부품명데이터시트상세설명
logo
LEM
LF1005-S LEM-LF1005-S Datasheet
191Kb / 3P
   Current Transducer
LF1005-S LEM-LF1005-S_06 Datasheet
191Kb / 3P
   Current Transducer
More results

유사한 설명 - LF1005-S

제조업체부품명데이터시트상세설명
logo
LEM
LT1005-S LEM-LT1005-S Datasheet
66Kb / 2P
   Current Transducer LT 1005-S
LF205-S LEM-LF205-S Datasheet
61Kb / 2P
   CURRENT TRANSDUCER LF 205-S
LF-510-S LEM-LF-510-S Datasheet
1Mb / 7P
   Current transducer LF 510-S
LF505-S LEM-LF505-S Datasheet
117Kb / 2P
   Current Transducer LF 505-S
LF2005-S LEM-LF2005-S Datasheet
70Kb / 2P
   Current Transducer LF 2005-S
LF305-S LEM-LF305-S Datasheet
130Kb / 2P
   Current Transducer LF 305-S
LF205-P LEM-LF205-P Datasheet
48Kb / 2P
   Current Transducer LF 205-P
LF205P LEM-LF205P Datasheet
73Kb / 2P
   Current Transducer LF 205-P/SP1
HAR1000-S LEM-HAR1000-S Datasheet
270Kb / 2P
   Current Transducer HAR 1000-S
LT4000-S LEM-LT4000-S Datasheet
79Kb / 2P
   Current Transducer LT 4000-S
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com