전자부품 데이터시트 검색엔진 |
|
1N5243B 데이터시트(PDF) 1 Page - Nanjing International Group Co |
|
1N5243B 데이터시트(HTML) 1 Page - Nanjing International Group Co |
1 / 3 page 1N5220...1N5267 Silicon Planar Zener Diodes Standard Zener voltage tolerance is ± 20%. Add suffix "A" for ± 10% Tolerance, suffix "B" for ± 5% tolerance, suffix "C" for ± 2% tolerance, Other tolerance, non standard and higher Zener voltages are upon request. Absolute Maximum Ratings (Ta = 25 OC) Parameter Symbol Value Unit Power Dissipation Ptot 500 1) mW Junction Temperature Tj 200 O C Storage Temperature Range Tstg - 65 to + 200 O C 1) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case. Characteristics at Ta = 25 OC Parameter Symbol Max. Unit Thermal Resistance Junction to Ambient Air RthA 0.3 1) K/mW Forward Voltage at IF = 200 mA VF 1.1 V 1) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case. Max. 2.9 Max. 1.9 Glass Case DO-34 Max. 0.45 Min. 27.5 Min. 27.5 XXX Cathode Band Part No. Dimensions in mm Black Black Max. 3.9 Max. 1.9 Glass Case DO-35 Max. 0.5 Min. 27.5 Min. 27.5 XXX Cathode Band Part No. Dimensions in mm Black Black |
유사한 부품 번호 - 1N5243B |
|
유사한 설명 - 1N5243B |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |