전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC7311IDCKR 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC7311IDCKR
상세설명  12-Bit, Low-Power, Single-Channel Digital-to-Analog Converters in SC70 Package
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7311IDCKR 데이터시트(HTML) 6 Page - Texas Instruments

Back Button DAC7311IDCKR Datasheet HTML 2Page - Texas Instruments DAC7311IDCKR Datasheet HTML 3Page - Texas Instruments DAC7311IDCKR Datasheet HTML 4Page - Texas Instruments DAC7311IDCKR Datasheet HTML 5Page - Texas Instruments DAC7311IDCKR Datasheet HTML 6Page - Texas Instruments DAC7311IDCKR Datasheet HTML 7Page - Texas Instruments DAC7311IDCKR Datasheet HTML 8Page - Texas Instruments DAC7311IDCKR Datasheet HTML 9Page - Texas Instruments DAC7311IDCKR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
DAC5311, DAC6311, DAC7311
SBAS442C – AUGUST 2008 – REVISED JULY 2015
www.ti.com
Electrical Characteristics (continued)
at AVDD = 2.0 V to 5.5 V, RL = 2 kΩ to GND, CL = 200 pF to GND, and TA = –40°C to +125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
SNR
81
dB
TA= +25°C, BW = 20 kHz, 12-bit level,
THD
–65
dB
AVDD = 5 V,
fOUT = 1 kHz, 1st 19 harmonics removed for
SFDR
65
dB
SNR calculation
SINAD
65
dB
TA= +25°C, at zero-scale input,
17
nV/
√Hz
fOUT = 1 kHz, AVDD = 5 V
DAC output noise density(4)
TA= +25°C, at mid-code input,
110
nV/
√Hz
fOUT = 1 kHz, AVDD = 5 V
TA= +25°C, at mid-code input,
DAC output noise(5)
3
μVPP
0.1 Hz to 10 Hz, AVDD = 5 V
LOGIC INPUTS(6)
Input current
±1
μA
AVDD = 2.7 V to 5.5 V
0.3 × AVDD
V
VINL, Input low voltage
AVDD = 2.0 V to 2.7 V
0.1 × AVDD
V
AVDD = 2.7 V to 5.5 V
0.7 × AVDD
V
VINH, Input high voltage
AVDD = 2.0 V to 2.7 V
0.9 × AVDD
V
Pin capacitance
1.5
3
pF
POWER REQUIREMENTS
AVDD
2.0
5.5
V
AVDD = 3.6 V to 5.5 V
110
160
μA
VINH = AVDD and
Normal mode
VINL = GND, at
AVDD = 2.7 V to 3.6 V
95
150
μA
midscale code(7)
AVDD = 2.0 V to 2.7 V
80
140
μA
IDD
AVDD = 3.6 V to 5.5 V
0.5
3.5
μA
VINH = AVDD and
All power-down mode
VINL = GND, at
AVDD = 2.7 V to 3.6 V
0.4
3
μA
midscale code(7)
AVDD = 2.0 V to 2.7 V
0.1
2
μA
AVDD = 3.6 V to 5.5 V
0.55
0.88
mW
VINH = AVDD and
Normal mode
VINL = GND, at
AVDD = 2.7 V to 3.6 V
0.25
0.54
mW
midscale code(7)
AVDD = 2.0 V to 2.7 V
0.14
0.38
mW
Power dissipation
AVDD = 3.6 V to 5.5 V
2.50
19.2
µW
VINH = AVDD and
All power-down mode
VINL = GND, at
AVDD = 2.7 V to 3.6 V
1.08
10.8
µW
midscale code(7)
AVDD = 2.0 V to 2.7 V
0.72
8.1
µW
(4)
For more details, see Figure 23.
(5)
For more details, see Figure 24.
(6)
Specified by design and characterization, not production tested.
(7)
For more details, see Figure 16 and Figure 58.
6
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: DAC5311 DAC6311 DAC7311


유사한 부품 번호 - DAC7311IDCKR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC7311IDCKR TI-DAC7311IDCKR Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel,
DAC7311IDCKR TI1-DAC7311IDCKR Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC7311IDCKRG4 TI1-DAC7311IDCKRG4 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
More results

유사한 설명 - DAC7311IDCKR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5311 TI-DAC5311_08 Datasheet
2Mb / 41P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI1-DAC5311 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI-DAC8311 Datasheet
2Mb / 38P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI-DAC8311_08 Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel,DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI1-DAC8311 Datasheet
2Mb / 40P
[Old version datasheet]   Low-Power, Single-Channel, Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Maxim Integrated Produc...
MAX6605 MAXIM-MAX6605_09 Datasheet
125Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 3; 12/09
MAX6605 MAXIM-MAX6605_08 Datasheet
97Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 2; 11/08
logo
Anpec Electronics Corop...
APL6001 ANPEC-APL6001 Datasheet
362Kb / 17P
   Low-Power, 8-bit, 3-Channel Analog to Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com