전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

W008 데이터시트(PDF) 2 Page - Nanjing International Group Co

부품명 W008
상세설명  SINGLE PHASE 1.0AMPBRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DGNJDZ [Nanjing International Group Co]
홈페이지  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

W008 데이터시트(HTML) 2 Page - Nanjing International Group Co

  W008 Datasheet HTML 1Page - Nanjing International Group Co W008 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING ANDCHARACTERISTICCURVES(W005THRUW10)
FIG.4-TYPICALREVERSE
CHARACTERISTICS
FIG.1-TYPICALFORWARD CURRENT
FIG.2-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
PERCENTAGEOFPEAKREVERSEVOLTAGE,(%)
0.2
0.4
0.6
0.8
1.0
1.2
0
14
7
21
35
28
2 0
40
60
80
100 120
140
3.0
SinglePhase
HalfWave60Hz
ResistiveOrInductiveLoad
AMBIENTTEMPERATURE(C)
DERATINGCURVE
0.1
1.0
.01
10
50
FIG.3-TYPICALFORWARD
CHARACTERISTICS
FORWARDVOLTAGE,(V)
PulseWidth300us
1%DutyCycle
0
.2
. 4
.6
.8
1.0
1.2
1.4
3.0
0
25
50
75
100
125
150
175
Tj=25C
Tj=25C
NUMBEROFCYCLESAT60Hz
1
10
5
50
100
Tj=25C
8.3msSingleHalf
SineWave
JEDECmethod


유사한 부품 번호 - W008

제조업체부품명데이터시트상세설명
logo
Olitech Electronics Co....
W008M OLITECH-W008M Datasheet
411Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results

유사한 설명 - W008

제조업체부품명데이터시트상세설명
logo
Comchip Technology
DF005M COMCHIP-DF005M Datasheet
41Kb / 2P
   Single-Phase Bridge Rectifiers
logo
Sirectifier Semiconduct...
GBJ20005 SIRECTIFIER-GBJ20005 Datasheet
60Kb / 2P
   Single Phase Bridge Rectifiers
S1PDB50NXX SIRECTIFIER-S1PDB50NXX Datasheet
206Kb / 3P
   Single Phase Bridge Rectifiers
S1PDB50005 SIRECTIFIER-S1PDB50005 Datasheet
188Kb / 3P
   Single Phase Bridge Rectifiers
logo
Nanjing International G...
KBPC15005W DGNJDZ-KBPC15005W Datasheet
396Kb / 2P
   SINGLE PHASE BRIDGE RECTIFIERS
logo
KEC(Korea Electronics)
DF06S KEC-DF06S_15 Datasheet
713Kb / 2P
   Single-Phase Bridge Rectifiers
logo
SUNMATE electronic Co.,...
KBJ401 SUNMATE-KBJ401 Datasheet
278Kb / 2P
   SINGLE PHASE BRIDGE RECTIFIERS
logo
General Semiconductor
KBU6A GE-KBU6A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIERS
logo
Sirectifier Semiconduct...
GBPC25005 SIRECTIFIER-GBPC25005 Datasheet
70Kb / 2P
   Single Phase Bridge Rectifiers
GBJ15005 SIRECTIFIER-GBJ15005 Datasheet
60Kb / 2P
   Single Phase Bridge Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com