전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

9329 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers

부품명 9329
상세설명  300V Power-Limited Tray Cables ??Overview
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

9329 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 9329 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9329 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9329 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9329 Datasheet HTML 9Page - List of Unclassifed Manufacturers 9329 Datasheet HTML 10Page - List of Unclassifed Manufacturers 9329 Datasheet HTML 11Page - List of Unclassifed Manufacturers 9329 Datasheet HTML 12Page - List of Unclassifed Manufacturers 9329 Datasheet HTML 13Page - List of Unclassifed Manufacturers 9329 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
UL Instrumentation Cable
300V Power-Limited Tray Cables
Industrial Grade Sunlight- and Oil-Resistant Jackets
IN D U STRIAL
A U T OMA TION
&
PR OCE S S
CO NTR O L
C ABLES
18.50
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Standard
Lengths
Ft.
Color
Code
mm
Jacket
Thickness
Inch
mm
Nominal
OD
Lbs.
N
Maximum
Pull Tension
Inch
Part
No.
Description
Minimum
Bend Radius
m
Standard
Unit Weight
No.
of
Triads
Lbs.
kg
Inch
mm
16 AWG Triads Stranded (19x29) Tinned Copper Conductors • Twisted Triads
Unshielded • PVC Insulation • Chrome PVC Jacket
9494
1
E1
U-500
U-152.4
24.5
11.1
.037
.94
.268
6.81
91
405
2.75
69.85
U-1000
U-304.8
48.0
21.8
Overall Beldfoil® Shield (100% Coverage)• PVC Insulation • Chrome PVC Jacket
9366
1
E1
U-500
U-152.4
27.5
12.5
.037
.94
.270
6.86
116
516
2.75
69.85
U-1000
U-304.8
54.0
24.5
16 AWG Triads Stranded (7x24) Bare Copper Conductors • Twisted Triads
Unshielded • PVC Insulation • Black PVC Jacket (See chart below for other options)
1034A
1
E1
1000
304.8
51.0
23.2
.037
.94
.268
6.81
107
476
2.75
69.85
4000
1219.2
208.0
94.4
Overall Beldfoil Shield (100% Coverage) • PVC Insulation • Black PVC Jacket (See chart below for other options)
1031A
1
E1
1000
304.8
58.0
26.4
.037
.94
.271
6.88
130
578
2.75
69.85
10000
3048.0
610.0
276.7
3044A
2
E1
Bulk ††
Bulk
.053
1.35
.483
12.27
259
1152
4.75
120.65
3046A
4
E1
Bulk ††
Bulk
.053
1.35
.570
14.40
473
2104
5.75
146.05
3048A
8
E1
Bulk ††
Bulk
.063
1.60
.760
19.30
902
4013
7.50
190.50
3052A
16
E1
Bulk ††
Bulk
.074
1.88
1.032
26.21
1758
7821
11.25
285.75
3054A
24
E1
Bulk ††
Bulk
.074
1.88
1.180
29.90
2615
11633
11.75
298.45
Individually Shielded + Overall Beldfoil Shield (100% Coverage) • PVC Insulation • Black PVC Jacket (Options below)
3045A
2
E1
Bulk ††
Bulk
.053
1.35
.506
12.80
304
1352
5.00
127.00
3047A
4
E1
Bulk ††
Bulk
.053
1.35
.569
14.45
563
2505
6.00
152.40
3049A
8
E1
Bulk ††
Bulk
.064
1.63
.764
19.41
1081
4809
8.00
203.20
3069A
12
E1
Bulk ††
Bulk
.074
1.88
.998
25.35
1500
6673
10.00
254.00
3053A
16
E1
Bulk ††
Bulk
.074
1.88
1.150
29.20
2117
9418
11.50
292.10
3055A
24
E1
Bulk ††
Bulk
.084
2.13
1.320
33.53
3153
14026
13.25
336.55
E1 = Refer to Technical Information section for color code.
Alternate color coding available upon request.
Multiple pair or triad cables have each pair/triad numbered for ease of identification.
Final put-up length may vary ±10% from length shown.
††Bulk = Check length available for specific construction.
Rip Cord
Rip Cord
Rip Cord
Rip Cord
Drain Wire
Drain Wires
Communication Wire
Rip Cord
Communication Wire
Drain Wire
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
Conductor, Insulation and Jacket Options**
Bare
Tinned
Insulation/Jacket
AB
PVC/PVC
CD
XLPE/PVC
KL
TPE/TPE
QR
XLPE/CPE
ST
XLPE/Haloarrest®
**For 1000 and 3000 Series cables only.
1234
A
E
Start
Add or
Add for
with
replace
Exposed
Part
letter code Run rating
No.
for desired if desired
conductor,
insulation & jacket
To Specify:


유사한 부품 번호 - 9329

제조업체부품명데이터시트상세설명
logo
Belden Inc.
9329 BELDEN-9329 Datasheet
166Kb / 2P
   High Perform Instr, 3 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
04-14-2023
logo
Keystone Electronics Co...
9329 KEYSTONE-9329 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Belden Inc.
9329-0601000 BELDEN-9329-0601000 Datasheet
166Kb / 2P
   High Perform Instr, 3 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
04-14-2023
9329-060500 BELDEN-9329-060500 Datasheet
166Kb / 2P
   High Perform Instr, 3 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
04-14-2023
9329-0605000 BELDEN-9329-0605000 Datasheet
166Kb / 2P
   High Perform Instr, 3 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
04-14-2023
More results

유사한 설명 - 9329

제조업체부품명데이터시트상세설명
logo
Belden Inc.
9554 BELDEN-9554 Datasheet
112Kb / 3P
   9554 Multi-Conductor - 300V Power-Limited Tray Cable
logo
SAB North America
XLPE-TR SAB-XLPE-TR Datasheet
271Kb / 1P
   Tray & VFD Cables
VFD-XLPE-TR-LEAN SAB-VFD-XLPE-TR-LEAN Datasheet
202Kb / 1P
   Tray & VFD Cables
DC3332201TP SAB-DC3332201TP Datasheet
296Kb / 1P
   Tray & VFD Cables
XLPE SAB-XLPE Datasheet
207Kb / 1P
   Tray & VFD Cables
logo
List of Unclassifed Man...
7201A ETC2-7201A Datasheet
103Kb / 3P
   300V Flex Data Cables
logo
Roithner LaserTechnik G...
QL86T4HD ROITHNER-QL86T4HD Datasheet
220Kb / 3P
   OVERVIEW
QL65E7S-A ROITHNER-QL65E7S-A Datasheet
180Kb / 3P
   OVERVIEW
QL85J6S-A-L ROITHNER-QL85J6S-A-L Datasheet
141Kb / 3P
   OVERVIEW
QL68I6S-A ROITHNER-QL68I6S-A Datasheet
250Kb / 3P
   OVERVIEW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com