전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV3225 데이터시트(PDF) 2 Page - Analog Devices

부품명 ADV3225
상세설명  750 MHz, 16 x 8 Analog Crosspoint Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV3225 데이터시트(HTML) 2 Page - Analog Devices

  ADV3225 Datasheet HTML 1Page - Analog Devices ADV3225 Datasheet HTML 2Page - Analog Devices ADV3225 Datasheet HTML 3Page - Analog Devices ADV3225 Datasheet HTML 4Page - Analog Devices ADV3225 Datasheet HTML 5Page - Analog Devices ADV3225 Datasheet HTML 6Page - Analog Devices ADV3225 Datasheet HTML 7Page - Analog Devices ADV3225 Datasheet HTML 8Page - Analog Devices ADV3225 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADV3224/ADV3225
Data Sheet
Rev. B | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Timing Characteristics (Serial) .................................................. 5
Logic Levels................................................................................... 5
Timing Characteristics (Parallel) ............................................... 6
Absolute Maximum Ratings............................................................ 7
Thermal Resistance ...................................................................... 7
Power Dissipation......................................................................... 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions..............................8
Truth Table and Logic Diagram ............................................... 10
Typical Performance Characteristics ........................................... 11
Circuit Diagrams ............................................................................ 20
Theory of Operation ...................................................................... 21
Applications Information .............................................................. 22
Serial Programming................................................................... 22
Parallel Programming................................................................ 22
Power-On Reset.......................................................................... 23
Gain Selection............................................................................. 23
Creating Larger Crosspoint Arrays.......................................... 23
Outline Dimensions....................................................................... 24
Ordering Guide .......................................................................... 24
REVISION HISTORY
1/16—Rev. A to Rev. B
Change to Maximum Potential Difference (DVCC − AVEE)
Parameter, Table 5............................................................................. 7
Updated Outline Dimensions....................................................... 24
12/10—Rev. 0 to Rev. A
Changes to Ordering Guide .......................................................... 24
11/10—Revision 0: Initial Version


유사한 부품 번호 - ADV3225

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV3220 AD-ADV3220 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
More results

유사한 설명 - ADV3225

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV3226 AD-ADV3226 Datasheet
606Kb / 24P
   750 MHz, 16 x 16 Analog Crosspoint Switch
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
   750 MHz, 8 x 8 Analog Crosspoint Switch
AD8104 AD-AD8104 Datasheet
879Kb / 36P
   600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
   600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
AD8116 AD-AD8116 Datasheet
287Kb / 26P
   200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV. A
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494 INTERSIL-CD22M3494_06 Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494MQZ96 INTERSIL-CD22M3494MQZ96 Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Analog Devices
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com