전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV3224-EVALZ 데이터시트(PDF) 6 Page - Analog Devices

부품명 ADV3224-EVALZ
상세설명  750 MHz, 16 x 8 Analog Crosspoint Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV3224-EVALZ 데이터시트(HTML) 6 Page - Analog Devices

Back Button ADV3224-EVALZ Datasheet HTML 2Page - Analog Devices ADV3224-EVALZ Datasheet HTML 3Page - Analog Devices ADV3224-EVALZ Datasheet HTML 4Page - Analog Devices ADV3224-EVALZ Datasheet HTML 5Page - Analog Devices ADV3224-EVALZ Datasheet HTML 6Page - Analog Devices ADV3224-EVALZ Datasheet HTML 7Page - Analog Devices ADV3224-EVALZ Datasheet HTML 8Page - Analog Devices ADV3224-EVALZ Datasheet HTML 9Page - Analog Devices ADV3224-EVALZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADV3224/ADV3225
Data Sheet
Rev. B | Page 6 of 24
TIMING CHARACTERISTICS (PARALLEL)
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Parallel Data Setup Time
t1d
10
ns
Address Setup Time
t1a
10
ns
CLK Pulse Width
t2
10
ns
Parallel Data Hold Time
t3d
10
ns
Address Hold Time
t3a
10
ns
CLK Pulse Separation
t4
20
ns
UPDATE Pulse Width
t5
10
ns
CLK, UPDATE Rise and Fall Times
50
ns
RESET Time
30
ns
Timing Diagram—Parallel Mode
1
0
CLK
1
0
A0 TO A2
1
0
D0 TO D4
1 = LATCHED
UPDATE
0 = TRANSPARENT
t5
t1a
t3a
t3d
t1d
t4
t2
Figure 3. Timing Diagram, Parallel Mode


유사한 부품 번호 - ADV3224-EVALZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV3220 AD-ADV3220 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
More results

유사한 설명 - ADV3224-EVALZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV3226 AD-ADV3226 Datasheet
606Kb / 24P
   750 MHz, 16 x 16 Analog Crosspoint Switch
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
   750 MHz, 8 x 8 Analog Crosspoint Switch
AD8104 AD-AD8104 Datasheet
879Kb / 36P
   600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
   600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
AD8116 AD-AD8116 Datasheet
287Kb / 26P
   200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV. A
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494 INTERSIL-CD22M3494_06 Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494MQZ96 INTERSIL-CD22M3494MQZ96 Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Analog Devices
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com