전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV3228-EVALZ 데이터시트(PDF) 5 Page - Analog Devices

부품명 ADV3228-EVALZ
상세설명  750 MHz, 8 x 8 Analog Crosspoint Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV3228-EVALZ 데이터시트(HTML) 5 Page - Analog Devices

  ADV3228-EVALZ Datasheet HTML 1Page - Analog Devices ADV3228-EVALZ Datasheet HTML 2Page - Analog Devices ADV3228-EVALZ Datasheet HTML 3Page - Analog Devices ADV3228-EVALZ Datasheet HTML 4Page - Analog Devices ADV3228-EVALZ Datasheet HTML 5Page - Analog Devices ADV3228-EVALZ Datasheet HTML 6Page - Analog Devices ADV3228-EVALZ Datasheet HTML 7Page - Analog Devices ADV3228-EVALZ Datasheet HTML 8Page - Analog Devices ADV3228-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
ADV3228/ADV3229
Rev. A | Page 5 of 24
TIMING CHARACTERISTICS (SERIAL)
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Serial Data Setup Time
t1
10
ns
CLK Pulse Width
t2
10
ns
Serial Data Hold Time
t3
10
ns
CLK Pulse Separation, Serial Mode
t4
10
ns
CLK to UPDATE Delay
t5
10
ns
UPDATE Pulse Width
t6
10
ns
CLK to DATAOUT Valid, Serial Mode
t7
50
ns
Propagation Delay, UPDATE to Switch On or Off
20
ns
Data Load Time, CLK = 5 MHz, Serial Mode
8
µs
CLK, UPDATE Rise and Fall Times
50
ns
RESET Time
30
ns
Timing Diagram—Serial Mode
LOAD DATA INTO
SERIAL REGISTER
ON FALLING EDGE
1
0
1
0
DATAIN
CLK
1 = LATCHED
0 = TRANSPARENT
DATAOUT
OUT07 (D3)
OUT07 (RESERVED)
OUT00 (D0)
TRANSFER DATA FROM SERIAL
REGISTER TO PARALLEL
LATCHES DURING LOW LEVEL
t7
t1
t3
t6
t2
t4
t5
UPDATE
Figure 2. Timing Diagram, Serial Mode
LOGIC LEVELS
Table 3. Logic Levels
VIH
VIL
VOH
VOL
IIH
IIL
IIH
IIL
IOH
IOL
RESET,
SER/PAR, CLK,
DATA IN, CE,
UPDATE
RESET,
SER/PAR, CLK,
DATA IN, CE,
UPDATE
DATA OUT
DATA OUT
SER/PAR,
CLK, DATA IN,
CE, UPDATE
SER/PAR,
CLK, DATA IN,
CE, UPDATE
RESET
RESET
DATA OUT
DATA OUT
2.0 V min
0.8 V max
2.4 V min
0.4 V max
2 µA max
2 µA max
2 µA max
300 µA max
3 mA min
1 mA min


유사한 부품 번호 - ADV3228-EVALZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV3220 AD-ADV3220 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
More results

유사한 설명 - ADV3228-EVALZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV3224 AD-ADV3224 Datasheet
670Kb / 24P
   750 MHz, 16 x 8 Analog Crosspoint Switch
ADV3226 AD-ADV3226 Datasheet
606Kb / 24P
   750 MHz, 16 x 16 Analog Crosspoint Switch
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Texas Instruments
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
   11.5 Gbps 8 x 8 Crosspoint Switch
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
   8 x 8 Digital Crosspoint Switch, 1.485 Gbps
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
   8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Analog Devices
AD8108 AD-AD8108 Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8104 AD-AD8104 Datasheet
879Kb / 36P
   600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com